Electronic Components Datasheet Search
  English  ▼

X  

NCP51152 Datasheet (PDF) - ON Semiconductor

NCP51152 Datasheet PDF - ON Semiconductor
Part # NCP51152
Download  NCP51152 Download
File Size   1898.12 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.75 kVRMS, 4.5-A/9-A Isolated Single Channel Gate Driver

NCP51152 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP51152 Datasheet PDF - ON Semiconductor

Part # NCP51152
Download  NCP51152 Click to download

File Size   1898.12 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.75 kVRMS, 4.5-A/9-A Isolated Single Channel Gate Driver

NCP51152 Datasheet (HTML) - ON Semiconductor


NCP51152 Product details

The NCP51152 is a family of isolated single−channel gate driver
with 4.5−A/9−A source and sink peak current respectively. They are
designed for fast switching to drive power MOSFETs, and SiC
MOSFET power switches. The NCP51152 offers short and matched
propagation delays. The NCP51152xA provides a split output that
controls the rise and fall times individually. The NCP51152xB has its
VCC UVLO referenced to GND2 to get a true UVLO.
The NCP51152 is available in a 4 mm SOIC−8 package and can
support isolation voltage up to 3.75 kVRMS.
The NCP51152 offers other important protection function such as
independent under−voltage lockout for both−side driver.
Features
• Feature Options
♦ Separated Outputs (NCP51152xA)
♦ Wide Bias Voltage Range Including Negative VEE and VCC
UVLO Referenced to GND2 (NCP51152xB)
• 3−V to 20−V Input Supply Voltage
• Output Supply Voltage from 6.5 V to 30 V with 5−V and 8−V for
MOSFET, 12−V and 17−V for SiC, Threshold
• 4.5−A Peak Source, 9−A Peak Sink Output Current Capability
• 200 V/ns dV/dt Immunity
• Negative 5−V Handling Capability on Input Pins
• Propagation Delay Typical 36 ns with
♦ 5 ns Max Delay Matching
• Gate Clamping During Short Circuit (NCP51152xA)
• Isolation & Safety
♦ 3.75 kVRMS Isolation for 1 Minute (per UL1577 Requirements)
(Planned)
♦ CQC Certification per GB4943.1−2011 (Planned)
♦ SGS FIMO Certification per IEC 62386−1 (Planned)
Typical Applications
• Motor Drives
• Isolated Converters in DC−DC and AC−DC Power Supply
• Server, Telecom, and Industrial Infrastructure




Similar Part No. - NCP51152

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511 Datasheet
94Kb / 11P
150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511 ONSEMI-NCP511 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP511 ONSEMI-NCP511 Datasheet
106Kb / 11P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results


Similar Description - NCP51152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC23313 TI1-UCC23313 Datasheet
8Mb / 35P
UCC23313 4-A/5-A, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC23313 TI-UCC23313_V01 Datasheet
9Mb / 38P
UCC23313 4-A Source, 5-A Sink, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC23313-Q1 TI-UCC23313-Q1 Datasheet
9Mb / 39P
UCC23313-Q1 4-A Source, 5-A Sink, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC23313-Q1 TI-UCC23313-Q1_V02 Datasheet
9Mb / 41P
UCC23313-Q1 4-A Source, 5-A Sink, 3.75-kVRMS Basic, Opto-Compatible, Single-Channel Isolated Gate Driver
logo
ON Semiconductor
NCV51563 ONSEMI-NCV51563 Datasheet
3Mb / 32P
5 kVRMS, 4.5-A/9-A Isolated Dual Channel Gate Driver
April, 2022 ??Rev. P2
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
NCV51563 ONSEMI-NCV51563_V01 Datasheet
3Mb / 32P
5 kVRMS, 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCV51561 ONSEMI-NCV51561 Datasheet
3Mb / 32P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com