Electronic Components Datasheet Search
  English  ▼

X  

NCP4303 Datasheet (PDF) - ON Semiconductor

NCP4303 Datasheet PDF - ON Semiconductor
Part # NCP4303
Download  NCP4303 Download
File Size   1269.76 Kbytes
Page   31 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies

NCP4303 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP4303 Datasheet PDF - ON Semiconductor

Part # NCP4303
Download  NCP4303 Click to download

File Size   1269.76 Kbytes
Page   31 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies

NCP4303 Datasheet (HTML) - ON Semiconductor


NCP4303 Product details

The NCP4303A/B is a full featured controller and driver tailored to
control synchronous rectification circuitry in switch mode power
supplies. Thanks to its versatility, it can be used in various topologies
such as flyback, forward and Half Bridge Resonant LLC.
The combination of externally adjustable minimum on and off times
helps to fight the ringing induced by the PCB layout and other
parasitic elements. Therefore, a reliable and noise less operation of the
SR system is insured.
The extremely low turn off delay time, high sink current capability
of the driver and automatic package parasitic inductance
compensation system allow to maximize synchronous rectification
MOSFET conduction time that enables further increase of SMPS
efficiency.
Finally, a wide operating VCC range combined with two versions of
driver voltage clamp eases implementation of the SR system in 24 V
output applications.
Features
• Self-Contained Control of Synchronous Rectifier in CCM, DCM, and
QR Flyback Applications
• Precise True Secondary Zero Current Detection with Adjustable
Threshold
• Automatic Parasitic Inductance Compensation Input
• Typically 40 ns Turn off Delay from Current Sense Input to Driver
• Zero Current Detection Pin Capability up to 200 V
• Optional Ultrafast Trigger Interface for Further Improved
Performance in Applications that Work in Deep CCM
• Disable Input to Enter Standby or Low Consumption Mode
• Adjustable Minimum On Time Independent of VCC Level
• Adjustable Minimum Off Time Independent of VCC Level
• 5 A/2.5 A Peak Current Sink/Source Drive Capability
• Operating Voltage Range up to 30 V
• Gate Drive Clamp of Either 12 V (NCP4303A) or 6 V (NCP4303B)
• Low Startup and Standby Current Consumption
• Maximum Frequency of Operation up to 500 kHz
• SOIC−8 Package
• These are Pb-Free Devices
Typical Applications
• Notebook Adapters
• High Power Density AC/DC Power Supplies
• Gaming Consoles
• All SMPS with High Efficiency Requirements




Similar Part No. - NCP4303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4303A ONSEMI-NCP4303A Datasheet
963Kb / 26P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
April, 2010 ??Rev. 1
NCP4303ADR2G ONSEMI-NCP4303ADR2G Datasheet
963Kb / 26P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
April, 2010 ??Rev. 1
NCP4303B ONSEMI-NCP4303B Datasheet
963Kb / 26P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
April, 2010 ??Rev. 1
NCP4303BDR2G ONSEMI-NCP4303BDR2G Datasheet
963Kb / 26P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
April, 2010 ??Rev. 1
More results


Similar Description - NCP4303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4303A ONSEMI-NCP4303A Datasheet
963Kb / 26P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
April, 2010 ??Rev. 1
NCP4304 ONSEMI-NCP4304 Datasheet
824Kb / 32P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
September, 2012 ??Rev. 0
NCP4304A ONSEMI-NCP4304A Datasheet
822Kb / 32P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
March, 2013 ??Rev. 1
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
Secondary Side Synchronous Rectification
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
NCP4304 ONSEMI-NCP4304_16 Datasheet
484Kb / 32P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
March, 2016 ??Rev. 6
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
NCP4307 ONSEMI-NCP4307 Datasheet
980Kb / 42P
Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
May, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com