Electronic Components Datasheet Search
  English  ▼

X  

FAN3216 Datasheet (PDF) - ON Semiconductor

FAN3216 Datasheet PDF - ON Semiconductor
Part # FAN3216
Download  FAN3216 Download
File Size   960.44 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 2-A High-Speed,Low-Side Gate Drivers

FAN3216 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN3216 Datasheet PDF - ON Semiconductor

Part # FAN3216
Download  FAN3216 Click to download

File Size   960.44 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 2-A High-Speed,Low-Side Gate Drivers

FAN3216 Datasheet (HTML) - ON Semiconductor


FAN3216 Product details

The FAN3216 and FAN3217 dual 2 A gate drivers are designed to
drive N−channel enhancement−mode MOSFETs in low−side
switching applications by providing high peak current pulses during
the short sw itching intervals. They are both available with TTL input
thresholds. Internal circuitry provides an under−voltage lockout
function by holding the output LOW until the supply voltage is within
the operating range. In addition, the drivers feature matched internal
propagation delays between A and B channels for applications
requiring dual gate drives with critical timing, such as synchronous
rectifiers. This also enables connecting two drivers in parallel to
effectively double the current capability driving a single MOSFET.
The FAN3216/17 drivers incorporate MillerDrive architecture for
the final output stage. This bipolar−MOSFET combination provides
high current during the Miller plateau stage of the MOSFET turn−on /
turn−off process to minimize switching loss, while providing
rail−to−rail voltage swing and reverse current capability.
The FAN3216 offers two inverting drivers and the FAN3217 offers
two non−inverting drivers. Both are offered in a standard 8−pin SOIC
package.
Features
• Industry−Standard Pinouts
• 4.5 V to 18 V Operating Range
• 3 A Peak Sink/Source at VDD = 12 V
• 2.4 A Sink / 1.6 A Source at VOUT = 6 V
• Inverting Configuration (FAN3216) and Non−Inverting
Configuration (FAN3217)
• Internal Resistors Turn Driver Off If No Inputs
• 12 ns / 9 ns Typical Rise/Fall Times (1 nF Load)
• 20 ns Typical Propagation Delay Matched within 1 ns to the Other
Channel
• TTL Input Thresholds
• MillerDrive Technology
• Double Current Capability by Paralleling Channels
• Standard SOIC−8 Package
• Rated from –40°C to +125°C Ambient
• Automotive Qualified to AEC-Q100
• These are Pb−Free Devices
Applications
• Switch−Mode Power Supplies
• High-Efficiency MOSFET Switching
• Synchronous Rectifier Circuits
• DC-to-DC Converters
• Motor Control
• Automotive Qualified Systems




Similar Part No. - FAN3216

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
Dual-2A, High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3216T FAIRCHILD-FAN3216T Datasheet
465Kb / 12P
Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 18P
Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Similar Description - FAN3216

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com