Electronic Components Datasheet Search
  English  ▼

X  

FAN3121CMPX Datasheet (PDF) - ON Semiconductor

FAN3121CMPX Datasheet PDF - ON Semiconductor
Part # FAN3121CMPX
Download  FAN3121CMPX Download
File Size   1291.44 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 9-A High-Speed,Low-Side Gate Driver

FAN3121CMPX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN3121CMPX Datasheet PDF - ON Semiconductor

Part # FAN3121CMPX
Download  FAN3121CMPX Click to download

File Size   1291.44 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 9-A High-Speed,Low-Side Gate Driver

FAN3121CMPX Datasheet (HTML) - ON Semiconductor


FAN3121CMPX Product details

Description
The FAN3121 and FAN3122 MOSFET drivers are designed to drive
N−channel enhancement MOSFETs in low−side switching
applications by providing high peak current pulses. The drivers are
available with either TTL input thresholds (FAN312xT) or
VDD−proportional CMOS input thresholds (FAN312xC). Internal
circuitry provides an under−voltage lockout function by holding the
output low until the supply voltage is within the operating range.
FAN312x drivers incorporate the MillerDrive architecture for the
final output stage. This bipolar / MOSFET combination provides the
highest peak current during the Miller plateau stage of the MOSFET
turn−on / turn−off process.
The FAN3121 and FAN3122 drivers implement an enable function
on pin 3 (EN), previously unused in the industry−standard pin−out.
The pin is internally pulled up to VDD for active HIGH logic and can
be left open for standard operation.
The commercial FAN3121/22 is available in a 3x3 mm 8−lead
thermally−enhanced MLP package or an 8−lead SOIC package. The
AEC−Q100 automotive−qualified versions are available in the 8−lead
SOIC package.
Features
• Industry−Standard Pin−out with Enable Input
• 4.5−V to 18−V Operating Range
• 11.4 A Peak Sink at VDD = 12 V
• 9.7−A Sink / 7.1−A Source at VOUT = 6 V
• Inverting Configuration (FAN3121) and Non−Inverting
Configuration (FAN3122)
• Internal Resistors Turn Driver Off If No Inputs
• 23−ns / 19−ns Typical Rise/Fall Times (10 nF Load)
• 18 ns to 23 ns Typical Propagation Delay Time
• Choice of TTL or CMOS Input Thresholds
• MillerDrive Technology
• Available in Thermally Enhanced 3x3 mm 8−Lead MLP or 8−Lead
SOIC Package (Pb−Free Finish)
• Rated from –40°C to +125°C
• Automotive Qualified to AEC−Q100 (F085 Versions)
Applications
• Synchronous Rectifier Circuits
• High−Efficiency MOSFET Switching
• Switch−Mode Power Supplies
• DC−to−DC Converters
• Motor Control
• Automotive−Qualified Systems (F085 Versions)




Similar Part No. - FAN3121CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121CMPX FAIRCHILD-FAN3121CMPX Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3121CMPX FAIRCHILD-FAN3121CMPX Datasheet
1Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
More results


Similar Description - FAN3121CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com