Electronic Components Datasheet Search
  English  ▼

X  

3057348 Datasheet (PDF) - PHOENIX CONTACT

3057348 Datasheet PDF - PHOENIX CONTACT
Part # 3057348
Download  3057348 Download
File Size   590.61 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description URTK/S-IB BK - Disconnect terminal block

3057348 Datasheet (PDF)

Go To PDF Page Download Datasheet
3057348 Datasheet PDF - PHOENIX CONTACT

Part # 3057348
Download  3057348 Click to download

File Size   590.61 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description URTK/S-IB BK - Disconnect terminal block

3057348 Datasheet (HTML) - PHOENIX CONTACT


3057348 Product details

Disconnect terminal block, nom. voltage: 400 V, nominal current: 41 A, connection method:
Screw connection, 1 level, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2 ,
mounting type: NS 35/7,5, NS 35/15, NS 32, color: black




Similar Part No. - 3057348

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3057 ETC2-3057 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Bourns Electronic Solut...
3057 BOURNS-3057 Datasheet
117Kb / 1P
Trimpot Trimming Potentiometer
logo
Alpha Wire
3057 ALPHAWIRE-3057 Datasheet
70Kb / 3P
Customer Specification
logo
KR Electronics, Inc.
3057 KR-3057 Datasheet
59Kb / 3P
795 MHz Bandpass Filter
logo
Alpha Wire
3057 ALPHAWIRE-3057 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
More results


Similar Description - 3057348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0309086 PHOENIX-0309086 Datasheet
164Kb / 11P
Component terminal block - URTK/S-BEN - 0309086
0311087 PHOENIX-0311087 Datasheet
219Kb / 14P
Test disconnect terminal block - URTK/S - 0311087
0311126 PHOENIX-0311126 Datasheet
219Kb / 13P
Component terminal block - URTK/SP - 0311126
0309109 PHOENIX-0309109 Datasheet
76Kb / 6P
Test disconnect terminal block - URTK/S-BEN 10
0309112 PHOENIX-0309112 Datasheet
104Kb / 5P
Disconnect terminal block - URTK-BEN
0316082 PHOENIX-0316082 Datasheet
145Kb / 8P
Test disconnect terminal block - URTK/S M. ABGESCHNITT
0701024 PHOENIX-0701024 Datasheet
228Kb / 17P
Disconnect terminal block - URKN/S
0710947 PHOENIX-0710947 Datasheet
261Kb / 19P
Disconnect terminal block - URTK/S-IB
3056608 PHOENIX-3056608 Datasheet
222Kb / 15P
Disconnect terminal block - URTK/SS-PSB
2861645 PHOENIX-2861645 Datasheet
524Kb / 9P
Disconnect terminal block - IB IL DOR LV-SET-PAC
Dec 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com