Electronic Components Datasheet Search
  English  ▼

X  

3037889 Datasheet (PDF) - PHOENIX CONTACT

3037889 Datasheet PDF - PHOENIX CONTACT
Part # 3037889
Download  3037889 Download
File Size   207.45 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 2,5-TWIN-MT OG - Knife-disconnect terminal block

3037889 Datasheet (PDF)

Go To PDF Page Download Datasheet
3037889 Datasheet PDF - PHOENIX CONTACT

Part # 3037889
Download  3037889 Click to download

File Size   207.45 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 2,5-TWIN-MT OG - Knife-disconnect terminal block

3037889 Datasheet (HTML) - PHOENIX CONTACT


3037889 Product details

Knife-disconnect terminal block, nom. voltage: 400 V, nominal current: 20 A, 1 level, connection
method: Spring-cage connection, Rated cross section: 2.5 mm2, cross section: 0.08 mm2 - 4
mm2, mounting: NS 35/7,5, NS 35/15, color: orange




Similar Part No. - 3037889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037805 PHOENIX-3037805 Datasheet
154Kb / 16P
Feed-through terminal block - STTBS 2,5-L/N
3037818 PHOENIX-3037818 Datasheet
501Kb / 23P
Knife disconnect terminal block - ST 2,5-MT BU
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3037847 PHOENIX-3037847 Datasheet
61Kb / 4P
Component terminal block - ST 2,5-TWIN-DIO/L-R RD
3037850 PHOENIX-3037850 Datasheet
61Kb / 4P
Component terminal block - ST 2,5-TWIN-DIO/R-L RD
More results


Similar Description - 3037889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035014 PHOENIX-3035014 Datasheet
129Kb / 13P
Knife disconnect terminal block - ST 2,5-MT OG
3035043 PHOENIX-3035043 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT RD
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3037892 PHOENIX-3037892 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT OG
3046362 PHOENIX-3046362 Datasheet
67Kb / 6P
Knife disconnect terminal block - UT 2,5-MT
3050407 PHOENIX-3050407 Datasheet
125Kb / 12P
Knife disconnect terminal block - QTC 1,5-TWIN-MT
3036356 PHOENIX-3036356 Datasheet
514Kb / 23P
Knife disconnect terminal block - ST 2,5-TWIN-MT
3037818 PHOENIX-3037818 Datasheet
501Kb / 23P
Knife disconnect terminal block - ST 2,5-MT BU
3212316 PHOENIX-3212316 Datasheet
937Kb / 29P
Knife disconnect terminal block - PT 2,5-MT OG
3270079 PHOENIX-3270079 Datasheet
547Kb / 25P
Knife disconnect terminal block - PTC 2,5-MT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com