Electronic Components Datasheet Search
  English  ▼

X  

3035221 Datasheet (PDF) - PHOENIX CONTACT

3035221 Datasheet PDF - PHOENIX CONTACT
Part # 3035221
Download  3035221 Download
File Size   205.43 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 4-HEDI BU - Lever-type disconnect terminal block

3035221 Datasheet (PDF)

Go To PDF Page Download Datasheet
3035221 Datasheet PDF - PHOENIX CONTACT

Part # 3035221
Download  3035221 Click to download

File Size   205.43 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 4-HEDI BU - Lever-type disconnect terminal block

3035221 Datasheet (HTML) - PHOENIX CONTACT


3035221 Product details

Lever-type disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, number of
connections: 2, connection method: Spring-cage connection, Rated cross section: 2.5 mm2,
cross section: 0.08 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3035221

ManufacturerPart #DatasheetDescription
logo
Mersen
30352 MERSEN-30352 Datasheet
89Kb / 1P
MIDGET, PC MOUNT & MINIATURE FUSES
30352 MERSEN-30352 Datasheet
93Kb / 1P
Fast-Acting Midget Fuses
logo
PHOENIX CONTACT
3035205 PHOENIX-3035205 Datasheet
115Kb / 11P
Installation level terminal block - STI 2,5-PE/L/LB
3035234 PHOENIX-3035234 Datasheet
173Kb / 21P
Component terminal block - ST 4-DIO 1N 5408/L-R
3035247 PHOENIX-3035247 Datasheet
173Kb / 21P
Component terminal block - ST 4-DIO 1N 5408/R-L
More results


Similar Description - 3035221

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3046249 PHOENIX-3046249 Datasheet
87Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI
3046456 PHOENIX-3046456 Datasheet
82Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI BU
3206678 PHOENIX-3206678 Datasheet
86Kb / 6P
Lever-type disconnect terminal block - QTC 2,5-HEDI
3214324 PHOENIX-3214324 Datasheet
84Kb / 6P
Lever-type disconnect terminal block - UT 4-PE/L/HEDI
3214326 PHOENIX-3214326 Datasheet
86Kb / 7P
Lever-type disconnect terminal block - UT 4-L/HEDI
3035140 PHOENIX-3035140 Datasheet
455Kb / 16P
Lever-type disconnect terminal block - ST 4-HEDI
3037818 PHOENIX-3037818 Datasheet
501Kb / 23P
Knife disconnect terminal block - ST 2,5-MT BU
3046252 PHOENIX-3046252 Datasheet
478Kb / 20P
Lever-type disconnect terminal block - UT 4-HEDI-P/P
3035577 PHOENIX-3035577 Datasheet
517Kb / 25P
Disconnect terminal block - ST 2,5-TG BU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com