Electronic Components Datasheet Search
  English  ▼

X  

3000752 Datasheet (PDF) - PHOENIX CONTACT

3000752 Datasheet PDF - PHOENIX CONTACT
Part # 3000752
Download  3000752 Download
File Size   235.5 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 5-HEDI N GY - Lever-type disconnect terminal block

3000752 Datasheet (PDF)

Go To PDF Page Download Datasheet
3000752 Datasheet PDF - PHOENIX CONTACT

Part # 3000752
Download  3000752 Click to download

File Size   235.5 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 5-HEDI N GY - Lever-type disconnect terminal block

3000752 Datasheet (HTML) - PHOENIX CONTACT


3000752 Product details

Lever-type disconnect terminal block, nom. voltage: 500 V, nominal current: 16 A, connection
method: Screw connection, Rated cross section: 1.5 mm2, cross section: 0.2 mm2 - 6 mm2,
mounting: NS 35/7,5, NS 35/15, NS 32, color: gray/orange




Similar Part No. - 3000752

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000754 PHOENIX-3000754 Datasheet
59Kb / 4P
Electronic device circuit breaker - EC 1 12DC/1A S-C
12/21/2015
3000754 PHOENIX-3000754 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
3000755 PHOENIX-3000755 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
3000756 PHOENIX-3000756 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
3000757 PHOENIX-3000757 Datasheet
900Kb / 7P
12 V DC electronic circuit breakers
2014-04-09
More results


Similar Description - 3000752

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000563 PHOENIX-3000563 Datasheet
72Kb / 5P
Knife disconnect terminal block - UK 5 N-MT
3004168 PHOENIX-3004168 Datasheet
76Kb / 5P
Test disconnect terminal block - UK 5-HESI-T OG
3046249 PHOENIX-3046249 Datasheet
87Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI
3046456 PHOENIX-3046456 Datasheet
82Kb / 6P
Lever-type disconnect terminal block - UT 4-HEDI BU
3206678 PHOENIX-3206678 Datasheet
86Kb / 6P
Lever-type disconnect terminal block - QTC 2,5-HEDI
3214324 PHOENIX-3214324 Datasheet
84Kb / 6P
Lever-type disconnect terminal block - UT 4-PE/L/HEDI
3214326 PHOENIX-3214326 Datasheet
86Kb / 7P
Lever-type disconnect terminal block - UT 4-L/HEDI
3035140 PHOENIX-3035140 Datasheet
455Kb / 16P
Lever-type disconnect terminal block - ST 4-HEDI
3046252 PHOENIX-3046252 Datasheet
478Kb / 20P
Lever-type disconnect terminal block - UT 4-HEDI-P/P
3000604 PHOENIX-3000604 Datasheet
211Kb / 20P
Disconnect terminal block - UK 5 N-TG
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com