Electronic Components Datasheet Search
  English  ▼

X  

1754664 Datasheet (PDF) - PHOENIX CONTACT

1754664 Datasheet PDF - PHOENIX CONTACT
Part # 1754664
Download  1754664 Download
File Size   266.13 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 4-MT RD - Knife-disconnect terminal block

1754664 Datasheet (PDF)

Go To PDF Page Download Datasheet
1754664 Datasheet PDF - PHOENIX CONTACT

Part # 1754664
Download  1754664 Click to download

File Size   266.13 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 4-MT RD - Knife-disconnect terminal block

1754664 Datasheet (HTML) - PHOENIX CONTACT


1754664 Product details

Knife-disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, connection method:
Push-in connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting:
NS 35/7,5, NS 35/15, color: red




Similar Part No. - 1754664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754665 PHOENIX-1754665 Datasheet
455Kb / 22P
Printed-circuit board connector - FKCN 2,5/12-ST-5,08
09/12/2020
1754669 PHOENIX-1754669 Datasheet
116Kb / 9P
Printed-circuit board connector - MSTB 2,5/13-ST
1754669 PHOENIX-1754669 Datasheet
180Kb / 5P
MDSTB 2,5/13-G1
More results


Similar Description - 1754664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035043 PHOENIX-3035043 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT RD
3046152 PHOENIX-3046152 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 4-MTL KNIFE-RD
3210302 PHOENIX-3210302 Datasheet
79Kb / 5P
Knife disconnect terminal block - PT 1,5/S-MT BU
3210311 PHOENIX-3210311 Datasheet
66Kb / 5P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT
3210321 PHOENIX-3210321 Datasheet
67Kb / 5P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT
3046279 PHOENIX-3046279 Datasheet
493Kb / 22P
Knife disconnect terminal block - UT 4-MT RD
3212316 PHOENIX-3212316 Datasheet
937Kb / 29P
Knife disconnect terminal block - PT 2,5-MT OG
1088739 PHOENIX-1088739 Datasheet
254Kb / 24P
Knife disconnect terminal block - PTV 4-MT
09/12/2020
3211934 PHOENIX-3211934 Datasheet
301Kb / 27P
Knife disconnect terminal block - PT 4-MT BU
09/11/2020
3210301 PHOENIX-3210301 Datasheet
520Kb / 25P
Knife disconnect terminal block - PT 1,5/S-MT
09/30/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com