Electronic Components Datasheet Search
  English  ▼

X  

1446170 Datasheet (PDF) - PHOENIX CONTACT

1446170 Datasheet PDF - PHOENIX CONTACT
Part # 1446170
Download  1446170 Download
File Size   271.76 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5-2MTB - Knife-disconnect terminal block

1446170 Datasheet (PDF)

Go To PDF Page Download Datasheet
1446170 Datasheet PDF - PHOENIX CONTACT

Part # 1446170
Download  1446170 Click to download

File Size   271.76 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5-2MTB - Knife-disconnect terminal block

1446170 Datasheet (HTML) - PHOENIX CONTACT


1446170 Product details

Knife-disconnect terminal block, with two disconnect zones, nom. voltage: 400 V, Thermal
continuous current Ith: 16 A, connection method: Push-in connection, Rated cross section: 2.5
mm2, cross section: 0.14 mm2 - 4 mm2, mounting: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 1446170

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
144617-1 TEC-144617-1 Datasheet
299Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
144617-1 TEC-144617-1 Datasheet
131Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
1446171 PHOENIX-1446171 Datasheet
235Kb / 7P
XTVMED 6-PE - Protective conductor terminal block
1446172 PHOENIX-1446172 Datasheet
236Kb / 8P
XTVMED 6 - Feed-through terminal block
1446173 PHOENIX-1446173 Datasheet
240Kb / 9P
XTVMEA 6 - Test disconnect terminal block
More results


Similar Description - 1446170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210157 PHOENIX-3210157 Datasheet
203Kb / 26P
Knife disconnect terminal block - PT 2,5-MTB
3210163 PHOENIX-3210163 Datasheet
198Kb / 24P
Knife disconnect terminal block - PT 2,5-MTB BU
3210177 PHOENIX-3210177 Datasheet
201Kb / 24P
Knife disconnect terminal block - PT 2,5-TWIN-MTB BU
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
3210400 PHOENIX-3210400 Datasheet
69Kb / 5P
Knife disconnect terminal block - PTTBS 2,5-2MTB
3210401 PHOENIX-3210401 Datasheet
65Kb / 4P
Knife disconnect terminal block - PTTBS 2,5-2MTB BU
3210170 PHOENIX-3210170 Datasheet
603Kb / 32P
Knife disconnect terminal block - PT 2,5-TWIN-MTB
3212316 PHOENIX-3212316 Datasheet
937Kb / 29P
Knife disconnect terminal block - PT 2,5-MT OG
1251103 PHOENIX-1251103 Datasheet
8Mb / 33P
Knife-disconnect terminal block - PT 2,5-QUATTROMT-CLT
Nov 16, 2022
1251104 PHOENIX-1251104 Datasheet
8Mb / 33P
Knife-disconnect terminal block - PT 2,5-TWIN-MTCLT
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com