Electronic Components Datasheet Search
  English  ▼

X  

1481699 Datasheet (PDF) - PHOENIX CONTACT

1481699 Datasheet PDF - PHOENIX CONTACT
Part # 1481699
Download  1481699 Download
File Size   370.06 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCS HS-SW 125-F AL - Heatsink

1481699 Datasheet (PDF)

Go To PDF Page Download Datasheet
1481699 Datasheet PDF - PHOENIX CONTACT

Part # 1481699
Download  1481699 Click to download

File Size   370.06 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCS HS-SW 125-F AL - Heatsink

1481699 Datasheet (HTML) - PHOENIX CONTACT


1481699 Product details

Heatsink for housing series: UCS, type: Side panel, material: Aluminum, anodized, width: 116
mm, height: 40.1 mm, This heatsink can be mounted instead of a side panel




Similar Part No. - 1481699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1481697 PHOENIX-1481697 Datasheet
451Kb / 6P
CS HS-HH 125-87 AL - Heatsink
1481698 PHOENIX-1481698 Datasheet
546Kb / 7P
UCS HS-HH 145-125 AL - Heatsink
More results


Similar Description - 1481699

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748170000 WEIDMULLER-1748170000 Datasheet
83Kb / 5P
B2L 3.5/6 F SN SW
1748180000 WEIDMULLER-1748180000 Datasheet
84Kb / 5P
B2L 3.5/8 F SN SW
1748190000 WEIDMULLER-1748190000 Datasheet
84Kb / 5P
B2L 3.5/10 F SN SW
1748220000 WEIDMULLER-1748220000 Datasheet
84Kb / 5P
B2L 3.5/16 F SN SW
1748260000 WEIDMULLER-1748260000 Datasheet
84Kb / 5P
B2L 3.5/24 F SN SW
logo
Schurter Inc.
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
logo
PHOENIX CONTACT
2203398 PHOENIX-2203398 Datasheet
53Kb / 3P
Corner inlay - UCS CC 5018
09/12/2020
2203401 PHOENIX-2203401 Datasheet
53Kb / 2P
Mounting set - UCS GD 9005
09/12/2020
1246286 PHOENIX-1246286 Datasheet
315Kb / 5P
Universal housing with touch display - UCS 125-87-F-GD-D2,4-TRG7035
01/13/2022
1246287 PHOENIX-1246287 Datasheet
246Kb / 5P
Universal housing with touch display - UCS 125-87-F-GD-D2,4-TRG9005
01/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com