Electronic Components Datasheet Search
  English  ▼

X  

1349262 Datasheet (PDF) - PHOENIX CONTACT

1349262 Datasheet PDF - PHOENIX CONTACT
Part # 1349262
Download  1349262 Download
File Size   456.75 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCS 87-87-H-GD 9005 - Universal housings

1349262 Datasheet (PDF)

Go To PDF Page Download Datasheet
1349262 Datasheet PDF - PHOENIX CONTACT

Part # 1349262
Download  1349262 Click to download

File Size   456.75 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCS 87-87-H-GD 9005 - Universal housings

1349262 Datasheet (HTML) - PHOENIX CONTACT


1349262 Product details

Complete housing for PCBs, can be positioned flexibly; includes housing half shells, side panels
closed, adhesive domes for PCB attachment, screws for housing and PCB attachment; housing:
black with turquoise blue corner inlays




Similar Part No. - 1349262

ManufacturerPart #DatasheetDescription
logo
Theben AG
1349200 THEBEN-1349200 Datasheet
473Kb / 2P
KNX Sensor technology
22/11/2024
logo
PHOENIX CONTACT
1349243 PHOENIX-1349243 Datasheet
455Kb / 9P
UCS 87-87-F-CCD 7035 - Universal housings
1349249 PHOENIX-1349249 Datasheet
455Kb / 9P
UCS 87-87-F-CCD 9005 - Universal housings
1349254 PHOENIX-1349254 Datasheet
456Kb / 9P
UCS 87-87-H-CCD 9005 - Universal housings
1349259 PHOENIX-1349259 Datasheet
455Kb / 9P
UCS 87-87-F-GD 7035 - Universal housings
More results


Similar Description - 1349262

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65713 EPCOS-B65713 Datasheet
119Kb / 4P
PM 87/70
logo
Fairchild Semiconductor
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
logo
MMD Components
MOGH MMD-MOGH_12 Datasheet
142Kb / 2P
MOGH & MOGZ Series 1?쓝 .87??SMD OCXO
logo
PUI audio inc.
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
logo
Mallory Sonalert Produc...
PK-26N04W-12VQ MSPI-PK-26N04W-12VQ Datasheet
95Kb / 1P
87 at 30cm at Rated Voltage
logo
TAI-SAW TECHNOLOGY CO.,...
TA1106B TAI-SAW-TA1106B Datasheet
553Kb / 6P
SAW Filter 1209.5 MHz SMD 3.0횞3.0 mm (BW=87 MHz)
logo
PHOENIX CONTACT
2203401 PHOENIX-2203401 Datasheet
53Kb / 2P
Mounting set - UCS GD 9005
09/12/2020
1246286 PHOENIX-1246286 Datasheet
315Kb / 5P
Universal housing with touch display - UCS 125-87-F-GD-D2,4-TRG7035
01/13/2022
1246287 PHOENIX-1246287 Datasheet
246Kb / 5P
Universal housing with touch display - UCS 125-87-F-GD-D2,4-TRG9005
01/13/2022
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com