Electronic Components Datasheet Search
  English  ▼

X  

1463388 Datasheet (PDF) - PHOENIX CONTACT

1463388 Datasheet PDF - PHOENIX CONTACT
Part # 1463388
Download  1463388 Download
File Size   475.62 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-COM-Q4/2-I-CT-M-PL - Contact insert

1463388 Datasheet (PDF)

Go To PDF Page Download Datasheet
1463388 Datasheet PDF - PHOENIX CONTACT

Part # 1463388
Download  1463388 Click to download

File Size   475.62 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-COM-Q4/2-I-CT-M-PL - Contact insert

1463388 Datasheet (HTML) - PHOENIX CONTACT


1463388 Product details

Contact insert, number of positions: 4+2+PE, size: COM, power contacts: 4, control contacts: 2,
number of connections per position: 1, Pin, Crimp connection, 400 V, 40 A, 1.5 mm2 ... 10 mm2,
application: Power/signal, Only suitable for plastic housings




Similar Part No. - 1463388

ManufacturerPart #DatasheetDescription
logo
Evolt
14633 EKTOR-14633 Datasheet
126Kb / 3P
QUADRO PROFESSIONAL
4th of February 2025 08:53:10
More results


Similar Description - 1463388

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405260 PHOENIX-1405260 Datasheet
78Kb / 4P
Contact insert - HC-HV03-I-CT-M
1405262 PHOENIX-1405262 Datasheet
78Kb / 4P
Contact insert - HC-HV06-I-CT-M
1405264 PHOENIX-1405264 Datasheet
78Kb / 4P
Contact insert - HC-HV10-I-CT-M
1406538 PHOENIX-1406538 Datasheet
71Kb / 3P
Contact insert - HC-Q05-I-CT-M
1584075 PHOENIX-1584075 Datasheet
93Kb / 4P
Contact insert - HC-DD72-I-CT-M
1584114 PHOENIX-1584114 Datasheet
116Kb / 10P
Contact insert - HC-DD108-I-CT-M
1584716 PHOENIX-1584716 Datasheet
91Kb / 4P
Contact insert - HC-BB18-I-CT-M
1584732 PHOENIX-1584732 Datasheet
93Kb / 4P
Contact insert - HC-BB32-I-CT-M
1584761 PHOENIX-1584761 Datasheet
74Kb / 4P
Contact insert - HC-BB46-I-CT-M
1584774 PHOENIX-1584774 Datasheet
69Kb / 4P
Contact insert - HC-BB10-I-CT-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com