Electronic Components Datasheet Search
  English  ▼

X  

K25F0210F2 Datasheet (PDF) - Ashcroft, Inc.

K25F0210F2 Datasheet PDF - Ashcroft, Inc.
Part # K25F0210F2
Download  K25F0210F2 Download
File Size   202.81 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description K2 Pressure Transducer

K25F0210F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
K25F0210F2 Datasheet PDF - Ashcroft, Inc.

Part # K25F0210F2
Download  K25F0210F2 Click to download

File Size   202.81 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description K2 Pressure Transducer

K25F0210F2 Datasheet (HTML) - Ashcroft, Inc.


K25F0210F2 Product details

FEATURES
All SS wetted parts
Broad selection of pressure ranges, pressure conditions and electrical terminations
Pressure ranges vacuum through 20,000 psi
Choice of 1.0% or 0.5% (OPT.) accuracy
NEMA 4X rated enclosure




Similar Part No. - K25F0210F2

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
K25F VMI-K25F Datasheet
83Kb / 2P
2,500 V - 10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
K25F NJSEMI-K25F Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
K25F NJSEMI-K25F Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K25F VMI-K25F Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
More results


Similar Description - K25F0210F2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com