Electronic Components Datasheet Search
  English  ▼

X  

TPM1202CADJS5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPM1202CADJS5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPM1202CADJS5
Download  TPM1202CADJS5 Download
File Size   3638.69 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 120V 50mA Very High Voltage Linear Regulator

TPM1202CADJS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPM1202CADJS5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPM1202CADJS5
Download  TPM1202CADJS5 Click to download

File Size   3638.69 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 120V 50mA Very High Voltage Linear Regulator

TPM1202CADJS5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPM1202CADJS5 Product details

Features

« VIN Range up to 120V

« Output Voltage Tolerances of +1.5%
« Output Current of 50mA

Low Quiescent Current 23uA

» Quiescent Current at Shutdown 8pA
« Internal Thermal Overload Protection
Internal Short - Circuit Current Limit

Applications

eo Industrial Automation

o Telecom Infrastructure

« Power over Ethemet(PoE)

o LED Lighting

« Microprocessors, Microcontrollers Powered
by Industrial Busses With High Voltage
Transients.




Similar Part No. - TPM1202CADJS5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPM12003NHK3 TECHPUBLIC-TPM12003NHK3 Datasheet
2Mb / 5P
1200V N-Channel MOSFET
More results


Similar Description - TPM1202CADJS5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
VERY HIGH VOLTAGE LINEAR REGULATOR
logo
Shaanxi Reactor Micro...
RM9003T REACTOR-RM9003T_6 Datasheet
168Kb / 2P
High-voltage linear E27/120V/ 6W/50mA filament lamp solution
logo
Rohm
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com