Electronic Components Datasheet Search
  English  ▼

X  

FQP9N50C Datasheet (PDF) - Inchange Semiconductor Company Limited

FQP9N50C Datasheet PDF - Inchange Semiconductor Company Limited
Part # FQP9N50C
Download  FQP9N50C Download
File Size   396.47 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

FQP9N50C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP9N50C Datasheet PDF - Inchange Semiconductor Company Limited

Part # FQP9N50C
Download  FQP9N50C Click to download

File Size   396.47 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

FQP9N50C Datasheet (HTML) - Inchange Semiconductor Company Limited


FQP9N50C Product details

FEATURES
· Drain Current -ID= 9A@ TC=25℃
· Drain Source Voltage -VDSS= 500V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 0.8Ω(Max)@VGS= 10V
APPLICATIONS
·DC-to-DC Converter
·General Industrial Applications
·Power Motor Control




Similar Part No. - FQP9N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP9N50C FAIRCHILD-FQP9N50C Datasheet
845Kb / 10P
500V N-Channel MOSFET
FQP9N50C FAIRCHILD-FQP9N50C Datasheet
851Kb / 10P
500V N-Channel MOSFET
More results


Similar Description - FQP9N50C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com