Electronic Components Datasheet Search
  English  ▼

X  

US1G Datasheet (PDF) - Semikron International

US1G Datasheet PDF - Semikron International
Part # US1G
Download  US1G Download
File Size   198.43 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Surface mount diode Ultrafast silicon rectifier diodes

US1G Datasheet (PDF)

Go To PDF Page Download Datasheet
US1G Datasheet PDF - Semikron International

Part # US1G
Download  US1G Click to download

File Size   198.43 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Surface mount diode Ultrafast silicon rectifier diodes

US1G Datasheet (HTML) - Semikron International


US1G Product details

Forward Current: 1 A
Reverse Voltage: 50 to 1200 V

Features
● Max. solder temperature: 260°C
● Plastic material has UL
   classification 94V-0




Similar Part No. - US1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1G PANJIT-US1G Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1G PHILIPS-US1G Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1G SURGE-US1G Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1G TRSYS-US1G Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1G SSE-US1G Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
More results


Similar Description - US1G

ManufacturerPart #DatasheetDescription
logo
Semikron International
EGL34A SEMIKRON-EGL34A_07 Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A_07 Datasheet
199Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001 Datasheet
177Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
logo
Diotec Semiconductor
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A-Q DIOTEC-US1A-Q_13 Datasheet
130Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US3A DIOTEC-US3A_13 Datasheet
104Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
RFE international
MURS460 RFE-MURS460 Datasheet
2Mb / 3P
Surface Mount Ultrafast Rectifier Diodes
14-01-2021
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com