Electronic Components Datasheet Search
  English  ▼

X  

1749492 Datasheet (PDF) - PHOENIX CONTACT

1749492 Datasheet PDF - PHOENIX CONTACT
Part # 1749492
Download  1749492 Download
File Size   435.32 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/18-G1-3,81 P14THR - PCB header

1749492 Datasheet (PDF)

Go To PDF Page Download Datasheet
1749492 Datasheet PDF - PHOENIX CONTACT

Part # 1749492
Download  1749492 Click to download

File Size   435.32 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/18-G1-3,81 P14THR - PCB header

1749492 Datasheet (HTML) - PHOENIX CONTACT


1749492 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 36, number
of rows: 2, number of positions: 18, number of connections: 36, product range: MCDN 1,5/..-G1-
THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON FMC
1,5 - MCDN 1,5, Pin connector pattern alignment: Standard, locking: without, mounting method:
without, type of packaging: packed in cardboard, The pin length is 1.4 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: Downloads




Similar Part No. - 1749492

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749412 PHOENIX-1749412 Datasheet
47Kb / 3P
Printed-circuit board connector - MSTB 2,5/16-ST-5,08 AU
1749418 PHOENIX-1749418 Datasheet
480Kb / 12P
MCDN 1,5/10-G1-3,81 P14THR - PCB header
1749421 PHOENIX-1749421 Datasheet
479Kb / 12P
MCDN 1,5/11-G1-3,81 P14THR - PCB header
1749447 PHOENIX-1749447 Datasheet
435Kb / 10P
MCDN 1,5/13-G1-3,81 P14THR - PCB header
1749476 PHOENIX-1749476 Datasheet
478Kb / 12P
MCDN 1,5/16-G1-3,81 P14THR - PCB header
More results


Similar Description - 1749492

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1954032 PHOENIX-1954032 Datasheet
152Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 P14THR
1954045 PHOENIX-1954045 Datasheet
145Kb / 7P
Feed-through header - MCDN 1,5/13-G1-3,5 P14THR
1749340 PHOENIX-1749340 Datasheet
137Kb / 7P
Feed-through header - MCDN 1,5/ 3-G1-3,81 P14THR
1954100 PHOENIX-1954100 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/19-G1-3,5 P14THR
1953936 PHOENIX-1953936 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/ 4-G1-3,5 P14THR
1749560 PHOENIX-1749560 Datasheet
496Kb / 12P
PCB header - MCDN 1,5/ 6-G1-3,81 P26THR
1954074 PHOENIX-1954074 Datasheet
504Kb / 12P
MCDN 1,5/16-G1-3,5 P14THR - PCB header
1749557 PHOENIX-1749557 Datasheet
494Kb / 12P
MCDN 1,5/ 5-G1-3,81 P26THR - PCB header
1749586 PHOENIX-1749586 Datasheet
493Kb / 12P
MCDN 1,5/ 8-G1-3,81 P26THR - PCB header
1953978 PHOENIX-1953978 Datasheet
492Kb / 12P
MCDN 1,5/ 8-G1-3,5 P14THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com