Electronic Components Datasheet Search
  English  ▼

X  

1298071 Datasheet (PDF) - PHOENIX CONTACT

1298071 Datasheet PDF - PHOENIX CONTACT
Part # 1298071
Download  1298071 Download
File Size   200.48 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 95-120 BK - Connector

1298071 Datasheet (PDF)

Go To PDF Page Download Datasheet
1298071 Datasheet PDF - PHOENIX CONTACT

Part # 1298071
Download  1298071 Click to download

File Size   200.48 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 95-120 BK - Connector

1298071 Datasheet (HTML) - PHOENIX CONTACT


1298071 Product details

Connector, Range of articles: BPC, color: black, number of positions: 1, min. conductor cross
section: 95 mm2, max. conductor cross section: 120 mm2, rated voltage: 1500, rated current: 350
A, Connection method: Crimp, Contact connection type: Socket, min. cable diameter: 14.1 mm,
max. cable diameter: 22.5 mm




Similar Part No. - 1298071

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1298070 PHOENIX-1298070 Datasheet
201Kb / 7P
ES-BPC-C 95-120 OG - Connector
1298075 PHOENIX-1298075 Datasheet
201Kb / 7P
ES-FT-BPC-B/S 95-120 BK - Connector
1298076 PHOENIX-1298076 Datasheet
203Kb / 7P
ES-FT-BPC-B/S 95-120 OG - Connector
1298077 PHOENIX-1298077 Datasheet
203Kb / 7P
ES-FT-BPC-C 95-120 BK - Connector
1298078 PHOENIX-1298078 Datasheet
204Kb / 7P
ES-FT-BPC-C 95-120 OG - Connector
More results


Similar Description - 1298071

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2694170000 WEIDMULLER-2694170000 Datasheet
63Kb / 3P
A2C 95/120 FE-DM
2694140000 WEIDMULLER-2694140000 Datasheet
66Kb / 3P
A2C 95/120 3FT
2694120000 WEIDMULLER-2694120000 Datasheet
67Kb / 3P
A2C 95/120 3FT-N
2694090000 WEIDMULLER-2694090000 Datasheet
69Kb / 3P
A2C 95/120 PE
2694080000 WEIDMULLER-2694080000 Datasheet
64Kb / 3P
A2C 95/120 FE
2694070000 WEIDMULLER-2694070000 Datasheet
65Kb / 3P
A2C 95/120 BL
2694060000 WEIDMULLER-2694060000 Datasheet
63Kb / 3P
A2C 95/120
2742120000 WEIDMULLER-2742120000 Datasheet
62Kb / 3P
A2C 95/120 DL
logo
PHOENIX CONTACT
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
1231074 PHOENIX-1231074 Datasheet
233Kb / 8P
ES-C1F-C-CO1 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com