Electronic Components Datasheet Search
  English  ▼

X  

TQL820CA14V33 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TQL820CA14V33 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TQL820CA14V33
Download  TQL820CA14V33 Download
File Size   1124.16 Kbytes
Page   16 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, Low-IQ 40μA Low-Dropout Regulator with Enable, Reset, Watchdog Functions

TQL820CA14V33 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQL820CA14V33 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TQL820CA14V33
Download  TQL820CA14V33 Click to download

File Size   1124.16 Kbytes
Page   16 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, Low-IQ 40μA Low-Dropout Regulator with Enable, Reset, Watchdog Functions

TQL820CA14V33 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TQL820CA14V33 Product details

FEATURES
● AEC-Q100 qualified with the following results:
- Device temperature grade 1: -40°C to 125°C
- Device HBM ESD classification level H2
- Device CDM ESD classification level C3
● 3V to 50V Input Voltage Range
● 3.3V Fixed Output Voltage
● 70mV@100mA Low Dropout Voltage
● 200mA Output Current
● Typical 40μA Low Quiescent Current
● Typical ±2% Output Voltage Accuracy
● 1μF Ceramic Output Stable Capacitor
● Programmable Delayed Reset timing at Power-On
● Adjustable Reset Threshold Voltage
● Flexible Watch-dog Timing and Current Dependent Deactivation
● Output Current Limit
● Enable, Under-voltage Reset.
● Over Temperature Protection
● RoHS Compliant
● Halogen-Free according to IEC 61249-2-21

APPLICATION
● Automotive Power Supply Systems
● General Power Supply applications




Similar Part No. - TQL820CA14V33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TQL820CA14V50 TSC-TQL820CA14V50 Datasheet
1Mb / 16P
200mA, Low-IQ 40μA Low-Dropout Regulator with Enable, Reset, Watchdog Functions
Version: A2111
More results


Similar Description - TQL820CA14V33

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268 Datasheet
255Kb / 7P
180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
logo
Texas Instruments
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_12 Datasheet
1Mb / 30P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
logo
Texas Instruments
TLV710 TI1-TLV710_17 Datasheet
1Mb / 33P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com