Electronic Components Datasheet Search
  English  ▼

X  

TESDA24VB30P2CX Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TESDA24VB30P2CX Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TESDA24VB30P2CX
Download  TESDA24VB30P2CX Download
File Size   383.59 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Bi-directional ESD Protection Diode

TESDA24VB30P2CX Datasheet (PDF)

Go To PDF Page Download Datasheet
TESDA24VB30P2CX Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TESDA24VB30P2CX
Download  TESDA24VB30P2CX Click to download

File Size   383.59 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Bi-directional ESD Protection Diode

TESDA24VB30P2CX Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TESDA24VB30P2CX Product details

FEATURES
AEC-Q101 qualified
ESD protect for 2 line with bidirectional.
Provide ESD protection for each channel to
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC61000-4-4 (EFT) 4kV (5/50ns)
IEC61000-4-5 (Lightning) 5A (8/20μs)
Suitable for 24V and below, operating voltage applications
Protect I/O line or power line.
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-Free
APPLICATION
ESD protection for In-vehicle network lines in automotive environments
CAN Bus
General Purpose I/O
Portable Instrumentation
Mobile & Handhelds




Similar Part No. - TESDA24VB30P2CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDA24VB17P1M3 TSC-TESDA24VB17P1M3 Datasheet
520Kb / 7P
Bi-directional ESD Protection Diode
Version: A2502
TESDA24VB17P1Q1 TSC-TESDA24VB17P1Q1 Datasheet
527Kb / 7P
Bi-directional ESD Protection Diode
Version: A2502
TESDA24VB28P2CX TSC-TESDA24VB28P2CX Datasheet
500Kb / 7P
Bi-directional ESD Protection Diode
Version: A2503
More results


Similar Description - TESDA24VB30P2CX

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
Bi-directional ESD Protection Diode
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com