Electronic Components Datasheet Search
  English  ▼

X  

1155595 Datasheet (PDF) - PHOENIX CONTACT

1155595 Datasheet PDF - PHOENIX CONTACT
Part # 1155595
Download  1155595 Download
File Size   200.78 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 50-70 BK - Connector

1155595 Datasheet (PDF)

Go To PDF Page Download Datasheet
1155595 Datasheet PDF - PHOENIX CONTACT

Part # 1155595
Download  1155595 Click to download

File Size   200.78 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 50-70 BK - Connector

1155595 Datasheet (HTML) - PHOENIX CONTACT


1155595 Product details

Connector, Range of articles: BPC, color: black, number of positions: 1, min. conductor cross
section: 50 mm2, max. conductor cross section: 70 mm2, rated voltage: 1500, rated current: 250
A, Connection method: Crimp, Contact connection type: Socket, min. cable diameter: 11.3 mm,
max. cable diameter: 17 mm




Similar Part No. - 1155595

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1155590000 WEIDMULLER-1155590000 Datasheet
662Kb / 6P
SL 5.08HC/03/90B 3.2SN BK BX
logo
PHOENIX CONTACT
1155592 PHOENIX-1155592 Datasheet
197Kb / 7P
ES-FT-BPC-B 35-70 BK - Connector
1155594 PHOENIX-1155594 Datasheet
201Kb / 7P
ES-BPC-C 50-70 OG - Connector
1155597 PHOENIX-1155597 Datasheet
187Kb / 5P
ES-BBC-5-1 BK - Connector
1155598 PHOENIX-1155598 Datasheet
186Kb / 5P
ES-BBC-5-2 BK - Connector
More results


Similar Description - 1155595

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2663330000 WEIDMULLER-2663330000 Datasheet
139Kb / 4P
A2C 50/70-DM
2663320000 WEIDMULLER-2663320000 Datasheet
164Kb / 4P
A2C 50/70 3FT
2663280000 WEIDMULLER-2663280000 Datasheet
148Kb / 4P
A2C 50/70 PE
2663270000 WEIDMULLER-2663270000 Datasheet
140Kb / 4P
A2C 50/70 FE
2663260000 WEIDMULLER-2663260000 Datasheet
141Kb / 4P
A2C 50/70 BL
2663250000 WEIDMULLER-2663250000 Datasheet
140Kb / 4P
A2C 50/70
logo
PHOENIX CONTACT
1246285 PHOENIX-1246285 Datasheet
273Kb / 9P
Safety controller - BPC 9102S
Nov 3, 2022
logo
Kemet Corporation
080MS12AAMA1STD KEMET-080MS12AAMA1STD Datasheet
589Kb / 7P
MS/MD, 60°C/70°C
6/21/2021
logo
PHOENIX CONTACT
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
1231074 PHOENIX-1231074 Datasheet
233Kb / 8P
ES-C1F-C-CO1 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com