Electronic Components Datasheet Search
  English  ▼

X  

UCC33410 Datasheet (PDF) - Texas Instruments

UCC33410 Datasheet PDF - Texas Instruments
Part # UCC33410
Download  UCC33410 Download
File Size   1669.46 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC33420-Q1 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module

UCC33410 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC33410 Datasheet PDF - Texas Instruments

Part # UCC33410
Download  UCC33410 Click to download

File Size   1669.46 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC33420-Q1 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module

UCC33410 Datasheet (HTML) - Texas Instruments


UCC33410 Product details

1 Features
• 1.5W maximum output power
• 4.5V to 5.5V input voltage operation range
• 5.0V, 5.5V regulated selectable output voltage
– 5.0V: 300mA available load current
• 0.5% typical load regulation
• 4mV/V typical line regulation
• Robust isolation barrier:
– Isolation rating: 3kVRMS
– Surge capability: 6.5kVPK
– Working voltage: 1159VPK
– 200V/ns common mode transient immunity
• Power dense isolated DC/DC module with
integrated transformer technology
• Adaptive spread spectrum modulation (SSM)
• Meets CISPR-25 Class 5 emission
• Strong magnetic fields immunity
• Overload and short circuit protection
• Thermal shutdown
• Low inrush current soft-start
• Enable pin with fault reporting mechanism
• Planned Safety-Related Certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 / CSA component recognition program
– IEC 62368-1 and IEC 60601-1 certifications
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to 125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• VSON-12 (4.00mm × 5.00mm) package

2 Applications
• Battery-Management Systems (BMS)
• HEV/EV OBC and DC/DC converter
• Isolated power for voltage and current sensors
• Isolated bias power for digital isolators
• Isolated bias power for RS-485, RS-422 and CAN

3 Description
UCC33420-Q1 is an automotive qualified DC/DC
power module with integrated transformer technology
designed to provide 1.5W of isolated output power.
It can support an input voltage operation range of
4.5V to 5.5V and regulate 5.0V output voltage with a
selectable headroom of 5.5V.
UCC33420-Q1 features a proprietary transformer
architecture that achieves a 3kVRMS isolation rating,
while simultaneously supporting low EMI and
excellent load regulation.
The UCC33420-Q1 integrates protection features for
increased system robustness such as enable pin with
fault reporting mechanism, short circuit protection and
thermal shutdown.
The UCC33420-Q1 comes in a miniaturized, lowprofile
VSON (4.00mm × 5.00mm) package with
1.00mm height and > 4.1mm clearance and
creepage.




Similar Part No. - UCC33410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC33410 TI1-UCC33410 Datasheet
1Mb / 26P
UCC33410 Ultra-Small, 1.0W, 3.3V, 3kVRMS Isolation, Industrial DC/DC Module
JUNE 2024
UCC33410 TI1-UCC33410 Datasheet
1Mb / 26P
UCC33410-Q1 Ultra-Small, 1.0W, 3.3V, 3kVRMS Isolation, Automotive DC/DC Module
JUNE 2024
UCC33410 TI-UCC33410 Datasheet
1Mb / 26P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33410 TI-UCC33410 Datasheet
1Mb / 27P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33410 TI-UCC33410 Datasheet
1Mb / 28P
UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
More results


Similar Description - UCC33410

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A100HI MPD-A100HI Datasheet
202Kb / 2P
Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
TDK Electronics
CC10-2412DR-E TDK-CC10-2412DR-E Datasheet
255Kb / 2P
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC1R5-0503SF-E TDK-CC1R5-0503SF-E Datasheet
255Kb / 2P
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
PSS3-24-5 TDK-PSS3-24-5 Datasheet
443Kb / 2P
Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
CC3-0512SR-E TDK-CC3-0512SR-E Datasheet
255Kb / 2P
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
logo
Bothhand USA, LP.
B4-LF-SERIES BOTHHAND-B4-LF-SERIES Datasheet
629Kb / 2P
6~1.5W Isolated DC/DC Converter
B4LF BOTHHAND-B4LF Datasheet
629Kb / 2P
.6~1.5W Isolated DC/DC Converter
logo
HALO Electronics, Inc.
TGRTI-310V6LF HALO-TGRTI-310V6LF Datasheet
811Kb / 5P
6 Pin, 3kVrms DC/DC Converter Isolation Modules
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com