Electronic Components Datasheet Search
  English  ▼

X  

TRSF3221E Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TRSF3221E Datasheet PDF - Texas Instruments
Part # TRSF3221E
Download  TRSF3221E Download
File Size   1740.95 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRSF3221E 3V to 5.5V Single-Channel RS-232 1Mbit Line Driver and Receiver With ±15kV IEC ESD Protection in Small Package

TRSF3221E Datasheet (PDF)

Go To PDF Page Download Datasheet
TRSF3221E Datasheet PDF - Texas Instruments

Part # TRSF3221E
Download  TRSF3221E Click to download

File Size   1740.95 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRSF3221E 3V to 5.5V Single-Channel RS-232 1Mbit Line Driver and Receiver With ±15kV IEC ESD Protection in Small Package

TRSF3221E Datasheet (HTML) - Texas Instruments


TRSF3221E Product details

1 Features
• ESD protection for RS-232 pins
– ±15kV Human-body model (HBM)
– ±8kV IEC 61000-4-2 Contact discharge
– ±15kV IEC 61000-4-2 Air-gap discharge
• Operates with 3V to 5.5V VCC supply
• Operates up to 1Mbit/s
– Low-speed pin-compatible device (250kbit/s) –
TRS3221E
• Available in near chip-scale package, 16-pin VQFN
(RGT, 82% smaller than TSSOP package)
• Low standby current: 1μA typical
• External capacitors : 4 × 0.1μF
• Accepts 5V logic input with 3.3V supply
• Auto-powerdown feature automatically disables
drivers for power savings

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment

3 Description
The TRSF3221E consists of one line driver, one
line receiver, and a dual charge-pump circuit
with ±15kV IEC ESD protection pin to pin
(serial-port connection pins, including GND). The
TRSF3221E provides the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single 3V
to 5.5V supply. The TRSF3221E operates at data
signaling rates up to 1Mbit/s and a driver output slew
rate of 24V/μs to 150V/μs.
Flexible control options for power management are
available when the serial port is inactive. The autopowerdown
feature functions when FORCEON is
low and FORCEOFF is high. During this mode of
operation, if the TRSF3221E does not sense a valid
RS-232 signal on the receiver input, the driver output
is disabled. If FORCEOFF is set low and the enable
(EN) input is high, both the driver and receiver
are shut off, and the supply current is reduced to
1μA. Disconnecting the serial port or turning off
the peripheral drivers causes the auto-powerdown
condition to occur. Auto-powerdown can be disabled
when FORCEON and FORCEOFF are high. With
auto-powerdown enabled, the device is activated
automatically when a valid signal is applied to the
receiver input. The INVALID output notifies the user
if an RS-232 signal is present at the receiver input.
INVALID is high (valid data) if the receiver input
voltage is greater than 2.7V or less than –2.7V, or
has been between –0.3V and 0.3V for less than 30μs.
INVALID is low (invalid data) if the receiver input
voltage is between –0.3V and 0.3V for more than
30μs. See Figure 6-5 for receiver input levels.




Similar Part No. - TRSF3221E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3221E TI-TRSF3221E Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221E TI1-TRSF3221E Datasheet
587Kb / 20P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
TRSF3221E TI-TRSF3221E Datasheet
893Kb / 21P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221E TI-TRSF3221E Datasheet
1Mb / 22P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221ECDB TI1-TRSF3221ECDB Datasheet
587Kb / 20P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
More results


Similar Description - TRSF3221E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
/- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
logo
Texas Instruments
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com