Electronic Components Datasheet Search
  English  ▼

X  

TRS3221ECDBR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TRS3221ECDBR Datasheet PDF - Texas Instruments
Part # TRS3221ECDBR
Download  TRS3221ECDBR Download
File Size   1745.3 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRS3221E 3V TO 5.5V Single-Channel RS-232 Line Driver and Receiver with ±15kV IEC ESD Protection In Small Package

TRS3221ECDBR Datasheet (PDF)

Go To PDF Page Download Datasheet
TRS3221ECDBR Datasheet PDF - Texas Instruments

Part # TRS3221ECDBR
Download  TRS3221ECDBR Click to download

File Size   1745.3 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRS3221E 3V TO 5.5V Single-Channel RS-232 Line Driver and Receiver with ±15kV IEC ESD Protection In Small Package

TRS3221ECDBR Datasheet (HTML) - Texas Instruments


TRS3221ECDBR Product details

1 Features
• ESD Protection for RS-232 Pins
– ±15kV Human-Body Model (HBM)
– ±8kV (IEC 61000-4-2, contact discharge)
– ±15kV (IEC 61000-4-2, air-gap discharge)
• Meets or exceeds the requirements of TIA/
EIA-232-F and ITU v.28 standards
• Operates with 3V to 5.5V VCC supply
• Operates up to 250kbit/s
• One driver and one receiver
• Near chip-scale package, 16-pin VQFN (RGT, 82%
smaller than TSSOP package)
• Low standby current: 1μA Typical
• External capacitors: 4 × 0.1μF
• Accepts 5V logic input with 3.3V supply
• Alternative high-speed pin-compatible device
(1Mbit/s)
– TRSF3221E
• Auto-powerdown feature automatically disables
drivers for power savings

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment

3 Description
The TRS3221E is a single driver, single receiver
RS-232 solution operating from a single VCC supply.
The RS-232 pins provide IEC G1000-4-2 ESD
protection. The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface
between an asynchronous communication controller
and the serial-port connector. The charge pump and
four small external capacitors allow operation from a
single 3V to 5.5V supply. These devices operate at
data signaling rates up to 250kbit/s and a maximum of
30V/μs driver output slew rate.
Flexible control options for power management are
available when the serial port is inactive. The autopowerdown
feature functions when FORCEON is
low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232
signal on the receiver input, the driver output is
disabled. If FORCEOFF is set low and EN is high,
both the driver and receiver are shut off, and the
supply current is reduced to 1 μA. Disconnecting
the serial port or turning off the peripheral drivers
causes the auto-powerdown condition to occur. Autopowerdown
can be disabled when FORCEON and
FORCEOFF are high.
With auto-powerdown enabled, the device is activated
automatically when a valid signal is applied to the
receiver input. The INVALID output notifies the user
if an RS-232 signal is present at the receiver input.
INVALID is high (valid data) if the receiver input
voltage is greater than 2.7V or less than –2.7V, or
has been between –0.3V and 0.3V for less than 30μs.
INVALID is low (invalid data) if the receiver input
voltage is between –0.3V and 0.3V for more than
30μs. Refer to Figure 6-5 for receiver input levels.




Similar Part No. - TRS3221ECDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221ECDBR TI-TRS3221ECDBR Datasheet
344Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221ECDBR TI-TRS3221ECDBR Datasheet
376Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221ECDBR TI1-TRS3221ECDBR Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3221ECDBR TI-TRS3221ECDBR Datasheet
883Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221ECDBRG4 TI-TRS3221ECDBRG4 Datasheet
344Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Similar Description - TRS3221ECDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
/- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
logo
Texas Instruments
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com