Electronic Components Datasheet Search
  English  ▼

X  

OP27GP Datasheet (PDF) - SYC Electronica

OP27GP Datasheet PDF - SYC Electronica
Part # OP27GP
Download  OP27GP Download
File Size   394.99 Kbytes
Page   16 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Low-Noise, Precision Operational Amplifier

OP27GP Datasheet (PDF)

Go To PDF Page Download Datasheet
OP27GP Datasheet PDF - SYC Electronica

Part # OP27GP
Download  OP27GP Click to download

File Size   394.99 Kbytes
Page   16 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Low-Noise, Precision Operational Amplifier

OP27GP Datasheet (HTML) - SYC Electronica


OP27GP Product details

FEATURES
Low Noise: 80 nV p-p (0.1 Hz to 10 Hz), 3 nV/√Hz
Low Drift: 0.2 V/C
High Speed: 2.8 V/s Slew Rate, 8 MHz Gain
Bandwidth
Low VOS: 10 V
Excellent CMRR: 126 dB at VCM of ±11 V
High Open-Loop Gain: 1.8 Million
Fits 725, OP07, 5534A Sockets
Available in Die Form

GENERAL DESCRIPTION
The OP27 precision operational amplifier combines the low
offset and drift of the OP07 with both high speed and low noise.
Offsets down to 25 μV and drift of 0.6 μV/°C maximum make
the OP27 ideal for precision instrumentation applications.
Exceptionally low noise, en = 3.5 nV/√Hz, at 10 Hz, a low 1/f
noise corner frequency of 2.7 Hz, and high gain (1.8 million),
allow accurate high-gain amplification of low-level signals. A
gain-bandwidth product of 8 MHz and a 2.8 V/μsec slew rate
provides excellent dynamic accuracy in high-speed, dataacquisition
systems.
A low input bias current of ± 10 nA is achieved by use of a
bias-current-cancellation circuit. Over the military temperature
range, this circuit typically holds IB and IOS to ±20 nA and 15 nA,
respectively.
The output stage has good load driving capability. A guaranteed
swing of ±10 V into 600 Ω and low output distortion make the
OP27 an excellent choice for professional audio applications.
(Continued on page 7)




Similar Part No. - OP27GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27GP TI-OP27GP Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP27GP AD-OP27GP Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP27GP MAXIM-OP27GP Datasheet
446Kb / 12P
Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27GP AD-OP27GP Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GP AD-OP27GP Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
More results


Similar Description - OP27GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com