Electronic Components Datasheet Search
  English  ▼

X  

SKU6733 Datasheet (PDF) - AG Electronica

SKU6733 Datasheet PDF - AG Electronica
Part # SKU6733
Download  SKU6733 Download
File Size   207.54 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description SKU6733ADAPTADOR YAMAICHI DE ENCAPSULADO QFP176, TQFP176, FQFP176, PQFP176 A DIP 176 PINES

SKU6733 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKU6733 Datasheet PDF - AG Electronica

Part # SKU6733
Download  SKU6733 Click to download

File Size   207.54 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description SKU6733ADAPTADOR YAMAICHI DE ENCAPSULADO QFP176, TQFP176, FQFP176, PQFP176 A DIP 176 PINES

SKU6733 Datasheet (HTML) - AG Electronica


SKU6733 Product details

Descripción
Yamaichi IC & Burn-in Socket, para encapsulados: QFP176, TQFP176, FQFP176, PQFP176




Similar Part No. - SKU6733

ManufacturerPart #DatasheetDescription
logo
AG Electronica
SKU6000300700 AGELECTRONICA-SKU6000300700 Datasheet
1Mb / 3P
SHIELD ARDUINO GPIO SENSORES PH2.0 YAHBOOM
14/11/2022
SKU6000301019 AGELECTRONICA-SKU6000301019 Datasheet
395Kb / 3P
KIT SENSORES CONSTRUCCIÓN BLOQUES PH2.0 YAHBOOM
14/11/2022
SKU6000400138 AGELECTRONICA-SKU6000400138 Datasheet
382Kb / 3P
BLOQUES DE CONSTRUCCIÓN PARA SENSORES YAHBOOM
14/11/2022
SKU6035 AGELECTRONICA-SKU6035 Datasheet
236Kb / 2P
ADAPTADOR DE ENCAPSULADO SOP8-SOP16, SO8-SO16, SOIC8-SOIC16 A DIP 16 PINES
02/02/2021
SKU6052 AGELECTRONICA-SKU6052 Datasheet
164Kb / 2P
ADAPTADOR YAMAICHI DE ENCAPSULADO SOP16, SO16, SOIC16 A DIP 16 PINES
17/02/21
More results


Similar Description - SKU6733

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
SY-CQ132 ACTEL-SY-CQ132 Datasheet
355Kb / 2P
Yamaichi CQ132/172/196 Socket
logo
Hammond Manufacturing L...
14QR HAMMOND-14QR Datasheet
51Kb / 1P
Attache de montage a declenchement rapide pour bo챤tes de jonction
1584H HAMMOND-1584H Datasheet
77Kb / 2P
Barres d alimentation de qualit챕 m챕dicale de 15 A
DNFF HAMMOND-DNFF Datasheet
62Kb / 1P
ENSEMBLES DE VENTILATEUR A FILTRE
EJWK HAMMOND-EJWK Datasheet
47Kb / 1P
Ensemble de serrure a bouton a ailettes
FDOAK HAMMOND-FDOAK Datasheet
154Kb / 2P
Jeux dadaptateurs de mecanismes de commande pour coupecircuit a bride
GRDKIT HAMMOND-GRDKIT Datasheet
71Kb / 1P
Ensembles de fils de mise a la terre
MPC HAMMOND-MPC Datasheet
60Kb / 1P
Plaque de recouvrement a aimant
SDA HAMMOND-SDA Datasheet
68Kb / 1P
Ensemble de bouchon de mise a lair libre
logo
Advanced Photonix, Inc.
NSL-32SR2 ADVANCEDPHOTONIX-NSL-32SR2 Datasheet
402Kb / 2P
Optoacoplador, Salida de Fotocelula / LDR, Axial, 4 Pines, 25 mA, 2 kV
REV 12-02-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com