Electronic Components Datasheet Search
  English  ▼

X  

TPS923650 Datasheet (PDF) - Texas Instruments

TPS923650 Datasheet PDF - Texas Instruments
Part # TPS923650
Download  TPS923650 Download
File Size   2573.38 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS923650/1 65V 1A/2A Boost/Buck-Boost LED Driver with PWM/Analog Dimming

TPS923650 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS923650 Datasheet PDF - Texas Instruments

Part # TPS923650
Download  TPS923650 Click to download

File Size   2573.38 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS923650/1 65V 1A/2A Boost/Buck-Boost LED Driver with PWM/Analog Dimming

TPS923650 Datasheet (HTML) - Texas Instruments


TPS923650 Product details

1 Features
• 4.5V to 65V wide input range
• LED common cathode connection
• Integrated 300mΩ MOSFET:
– Typical current limit (1.6A / 3.2A)
– Switching frequency (400kHz / 1MHz)
• Advanced dimming options:
– Analog dimming (200:1)
– Fast PWM dimming (50ns pulse width)
• Full protection features:
– LED open and short protection
– Switching FET open and short protection
– External component failure protection
– Cycle-by-cycle current limit
– Thermal shutdown
• Package: WSON-8, HVSSOP-8, SOT583

2 Applications
• Constant illumination:
– Indoor and outdoor lighting
– Appliance lighting
– Cold/warm WLED lighting
– Emergency and signage lighting
– Security floodlight
– LED bulb and lamp
– LCD backlight
• Instant illumination:
– Machine vision and camera flash
– Fire alarm and strobe

3 Description
The TPS92365x family is a 1A / 2A non-synchronous
Buck LED driver with 4.5V to 65V wide input
range. By integrating the low-side NMOS, the
device is capable of driving LEDs with high power
density and high efficiency. The device also supports
common cathodeconnection and single layer PCB.
The switching frequency is set at 400kHz or 1MHz.
The TPS92365x family support PWM dimming by
configuring through the DIM input pins by means of
simple high and low signals. The TPS92365x family
support analog dimming by configuring through the
DIM input pins by means of analog voltage signals.
The device adopts an adaptive off-time current mode
control along with smart and accurate sampling to
enable fast PWM dimming and achieve high dimming
ratio.
The TPS92365x family also provides multiple
systematic protections, including LED open and short,
switching FET open and short, sense resistor open
and short, and thermal shutdown.




Similar Part No. - TPS923650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS923652 TI-TPS923652 Datasheet
3Mb / 38P
TPS92365x 65-V 2-A/4-A Boost/Buck-Boost LED Driver with Inductive Fast Dimming
JUNE 2023
TPS923652 TI-TPS923652 Datasheet
3Mb / 47P
TPS92365x 65-V 2-A / 4-A Boost / Buck-Boost LED Driver with Inductive Fast Dimming
REVISED SEPTEMBER 2023
TPS923652DGNR TI-TPS923652DGNR Datasheet
3Mb / 38P
TPS92365x 65-V 2-A/4-A Boost/Buck-Boost LED Driver with Inductive Fast Dimming
JUNE 2023
TPS923652DMTR TI-TPS923652DMTR Datasheet
3Mb / 38P
TPS92365x 65-V 2-A/4-A Boost/Buck-Boost LED Driver with Inductive Fast Dimming
JUNE 2023
TPS923652DMTR TI-TPS923652DMTR Datasheet
3Mb / 47P
TPS92365x 65-V 2-A / 4-A Boost / Buck-Boost LED Driver with Inductive Fast Dimming
REVISED SEPTEMBER 2023
More results


Similar Description - TPS923650

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
Series Boost LED Driver with PWM Dimming Interface
logo
Diodes Incorporated
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
40V, 2A BOOST/BUCK LED DRIVER
Rev 1
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
LED Boost Driver with PWM
May, 2014
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com