Electronic Components Datasheet Search
  English  ▼

X  

OPA863A Datasheet (PDF) - Texas Instruments

OPA863A Datasheet PDF - Texas Instruments
Part # OPA863A
Download  OPA863A Download
File Size   2088.22 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers

OPA863A Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA863A Datasheet PDF - Texas Instruments

Part # OPA863A
Download  OPA863A Click to download

File Size   2088.22 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers

OPA863A Datasheet (HTML) - Texas Instruments


OPA863A Product details

1 Features
• Gain-bandwidth product: 50MHz
• High precision:
– Input offset voltage: 95μV (maximum)
– Offset drift: 1.2μV/°C (maximum)
• Low power:
– Quiescent current: 800μA/ch (typical)
– Supply voltage: 2.7V to 12.6V
• Input voltage noise: 6.3nV/√Hz
• Slew rate: 100V/μs
• Rail-to-rail input and output
• HD2 and HD3:
– –129dBc and –138dBc at 20kHz (2VPP)
• Operating temperature range: –40°C to +125°C
• Additional features:
– Overload power limit
– Output short-circuit protection

2 Applications
• Low-power SAR and ΔΣ ADC driver
• ADC reference buffer
• Low-side current sensing
• Photodiode TIA interface
• Inductive sensing
• Battery-powered instrumentation
• Gain and active filter stages

3 Description
The OPA863A and OPA2863A devices (OPAx863A)
are low-power, unity-gain stable, rail-to-rail input
and output, voltage-feedback operational amplifiers.
These devices are trimmed in package to offer highprecision
performance with a maximum input offset
voltage of 95μV and offset drift of 1.2μV/°C for high
accuracy measurements over temperature.
Consuming only 800μA per channel, the OPAx863A
offer a gain-bandwidth product of 50MHz, slew rate of
100V/μs, and a voltage noise density of 6.3nV/√Hz.
The rail-to-rail input stage with 2.7V supply operation
is useful in portable, battery-powered applications.
The rail-to-rail input stage is well matched for gainbandwidth
product and noise across the full input
common-mode voltage range, enabling excellent
performance with wide-input dynamic range.
The OPAx863A include overload power limiting to limit
the increase in IQ with saturated outputs, thereby
preventing excessive power dissipation in powerconscious,
battery-operated systems. The output
stage is short-circuit protected, making these devices
conducive to ruggedized environments.




Similar Part No. - OPA863A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA863A TI-OPA863A Datasheet
1Mb / 27P
OPAx863A High-Precision, 110-MHz, Rail-to-Rail Input and Output Amplifier
MAY 2022
OPA863A TI-OPA863A Datasheet
1Mb / 30P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA863A TI-OPA863A Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
OPA863A TI1-OPA863A Datasheet
1Mb / 35P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED DECEMBER 2023
OPA863A TI1-OPA863A Datasheet
2Mb / 41P
OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
REVISED JUNE 2024
More results


Similar Description - OPA863A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
OPA2863A TI-OPA2863A Datasheet
1Mb / 27P
OPAx863A High-Precision, 110-MHz, Rail-to-Rail Input and Output Amplifier
MAY 2022
OPA2863A TI-OPA2863A_V01 Datasheet
1Mb / 30P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA863A TI-OPA863A Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
OPA863A TI1-OPA863A_V01 Datasheet
1Mb / 35P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com