Electronic Components Datasheet Search
  English  ▼

X  

DRV8329AREE Datasheet (PDF) - Texas Instruments

DRV8329AREE Datasheet PDF - Texas Instruments
Part # DRV8329AREE
Download  DRV8329AREE Download
File Size   3279.81 Kbytes
Page   61 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver

DRV8329AREE Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8329AREE Datasheet PDF - Texas Instruments

Part # DRV8329AREE
Download  DRV8329AREE Click to download

File Size   3279.81 Kbytes
Page   61 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver

DRV8329AREE Datasheet (HTML) - Texas Instruments


DRV8329AREE Product details

1 Features
• 65-V Three Phase Half-Bridge Gate Driver
– Drives 3 High-Side and 3 Low-Side N-Channel
MOSFETs (NMOS)
– 4.5 to 60-V Operating Voltage Range
– Supports 100% PWM Duty Cycle with Trickle
Charge pump
• Bootstrap based Gate Driver Architecture
– 1000-mA Maximum Peak Source Current
– 2000-mA Maximum Peak Sink Current
• Integrated Current Sense Amplifier with low input
offset (optimized for 1 shunt)
– Adjustable Gain (5, 10, 20, 40 V/V)
• Hardware interface provides simple configuration
• Ultra-low power sleep mode <1 uA at 25 ̊C
• 4-ns (typ) propagation delay matching between
phases
• Independent driver shutdown path (DRVOFF)
• 65-V tolerant wake pin (nSLEEP)
• Supports negative transients upto -10V on SHx
• 6x and 3x PWM Modes
• Supports 3.3-V, and 5-V Logic Inputs
• Accurate LDO (AVDD), 3.3 V ±3%, 80 mA
• Compact QFN Packages and Footprints
• Adjustable VDS overcurrent threshold through
VDSLVL pin
• Adjustable deadtime through DT pin
• Efficient System Design With Power Blocks
• Integrated Protection Features
– PVDD Undervoltage Lockout (PVDDUV)
– GVDD Undervoltage (GVDDUV)
– Bootstrap Undervoltage (BST_UV)
– Overcurrent Protection (VDS_OCP, SEN_OCP)
– Thermal Shutdown (OTSD)
– Fault Condition Indicator (nFAULT)

2 Applications
• Brushless-DC (BLDC) Motor Modules and PMSM
• Cordless Garden and Power Tools, Lawnmowers
• Appliances Fans and Pumps
• Servo Drives
• E-Bikes, E-Scooters, and E-Mobility
• Cordless Vacuum Cleaners
• Drones
• Industrial & Logistics Robots, and RC Toys

3 Description
The DRV8329 family of devices is an integrated
gate driver for three-phase applications. The devices
provide three half-bridge gate drivers, each capable
of driving high-side and low-side N-channel power
MOSFETs. The device generates the correct gate
drive voltages using an internal charge pump and
enhances the high-side MOSFETs using a bootstrap
circuit. A trickle charge pump is included to support
100% duty cycle. The Gate Drive architecture
supports peak gate drive currents up to 1-A source
and 2-A sink. The DRV8329 can operate from a single
power supply and supports a wide input supply range
of 4.5 to 60 V.
The 6x and 3x PWM modes allow for simple
interfacing to controller circuits. The device has
integrated accurate 3.3-V LDO that can be used
to power external controller and can be used as
reference for CSA. The configuration settings for the
device are configurable through hardware (H/W) pins.
The DRV8329 devices integrate low-side current
sense amplifier that allow current sensing for sum of
current from all three phases of the drive stage.
A low-power sleep mode is provided to achieve
low quiescent current by shutting down most of
the internal circuitry. Internal protection functions
are provided for undervoltage lockout, GVDD fault,
MOSFET overcurrent, MOSFET short circuit, and
overtemperature. Fault conditions are indicated on
nFAULT pin.




Similar Part No. - DRV8329AREE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8329AREE TI-DRV8329AREE Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
DRV8329AREE TI-DRV8329AREE Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8329AREER TI-DRV8329AREER Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
More results


Similar Description - DRV8329AREE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
DRV8328 TI-DRV8328 Datasheet
2Mb / 46P
DRV8328 4.5 to 60V Three-phase BLDC Gate Driver
DECEMBER 2021
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8328 TI-DRV8328_V02 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
MARCH 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com