Electronic Components Datasheet Search
  English  ▼

X  

BZX84C8V2 Datasheet (PDF) - Texas Instruments

BZX84C8V2 Datasheet PDF - Texas Instruments
Part # BZX84C8V2
Download  BZX84C8V2 Download
File Size   754.43 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BZX84Cx-Q1 Automotive Zener Voltage Regulator Diode in SOT-23

BZX84C8V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C8V2 Datasheet PDF - Texas Instruments

Part # BZX84C8V2
Download  BZX84C8V2 Click to download

File Size   754.43 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BZX84Cx-Q1 Automotive Zener Voltage Regulator Diode in SOT-23

BZX84C8V2 Datasheet (HTML) - Texas Instruments


BZX84C8V2 Product details

1 Features
• Total power dissipation: 250mW (max)
• Low I/O capacitance: 80pF (max)
• Low leakage current: 0.6μA (max)
• Tolerance: ±5%
• Temperature range: -55°C to +150°C
• AEC-Q101 qualified
• Leaded package used for automatic optical
inspection (AOI)

2 Applications
• Voltage regulation
• Over-voltage protection

3 Description
The BZX84Cx-Q1 is a family of voltage regulating
diodes in a SOT-23 package. The diodes are
available in Zener voltages ranging from 8.2V to 27V.




Similar Part No. - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C8V2 VISHAY-BZX84C8V2 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
logo
Won-Top Electronics
BZX84C8V2 WTE-BZX84C8V2 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Rectron Semiconductor
BZX84C8V2 RECTRON-BZX84C8V2 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C8V2 JGD-BZX84C8V2 Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C8V2 FAIRCHILD-BZX84C8V2 Datasheet
197Kb / 6P
Series Zeners
More results


Similar Description - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Guilin Strong Micro-Ele...
BZX84C3V0-C47 GSME-BZX84C3V0-C47 Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Guilin Strong Micro-Ele...
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
logo
Foshan Blue Rocket Elec...
BZX84C7V5 FOSHAN-BZX84C7V5 Datasheet
676Kb / 7P
Zener Diode in a SOT-23 Plastic Package.
BZX84C8V2 FOSHAN-BZX84C8V2 Datasheet
676Kb / 7P
Zener Diode in a SOT-23 Plastic Package.
BZX84C9V1 FOSHAN-BZX84C9V1 Datasheet
676Kb / 7P
Zener Diode in a SOT-23 Plastic Package.
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
logo
Texas Instruments
TSM24A-Q1 TI-TSM24A-Q1 Datasheet
1,008Kb / 17P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24A-Q1 TI-TSM24A-Q1_V01 Datasheet
878Kb / 12P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com