Electronic Components Datasheet Search
  English  ▼

X  

1141 Datasheet (PDF) - Ashcroft, Inc.

1141 Datasheet PDF - Ashcroft, Inc.
Part # 1141
Download  1141 Download
File Size   1165.33 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1141 Differential Pressure Gauge

1141 Datasheet (PDF)

Go To PDF Page Download Datasheet
1141 Datasheet PDF - Ashcroft, Inc.

Part # 1141
Download  1141 Click to download

File Size   1165.33 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1141 Differential Pressure Gauge

1141 Datasheet (HTML) - Ashcroft, Inc.


1141 Product details

FEATURES
Glass filled nylon case
High static pressure capabilty of 3,000 psi
Ranges from 5 psid to 100 psid
Reed switches optional for direct system control
Buna-N diaphragm & O-rings (others available)
Rolling diaphragm actuator (cannot see reverse pressure)




Similar Part No. - 1141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1141 ETC1-1141 Datasheet
89Kb / 1P
36 way Centronics Cables
logo
HellermannTyton.
1141-1-G HELLERMANNTYTON-1141-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
1141-4-GP HELLERMANNTYTON-1141-4-GP Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
Weidmuller
1141000000 WEIDMULLER-1141000000 Datasheet
332Kb / 4P
SL 7.62HP/04/180F 3.2 SN OR BX
logo
Adels-Contact
114101 ADELS-114101 Datasheet
117Kb / 2P
Screw-Screwless Connectors 900 Q/ 1 DS
06/01/2020
More results


Similar Description - 1141

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
Pressure sensor module/Gauge,Differential
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com