Electronic Components Datasheet Search
  English  ▼

X  

1047489 Datasheet (PDF) - PHOENIX CONTACT

1047489 Datasheet PDF - PHOENIX CONTACT
Part # 1047489
Download  1047489 Download
File Size   286.55 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/6X1,5-G-FE - Distribution block

1047489 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047489 Datasheet PDF - PHOENIX CONTACT

Part # 1047489
Download  1047489 Click to download

File Size   286.55 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/6X1,5-G-FE - Distribution block

1047489 Datasheet (HTML) - PHOENIX CONTACT


1047489 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 17.5 A, number of
connections: 7, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 -
2.5 mm2, Line contact, Rated cross section: 6 mm2, cross section: 0.2 mm2 - 6 mm2, mounting
type: adhesive, color: black/yellow




Similar Part No. - 1047489

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047480 PHOENIX-1047480 Datasheet
463Kb / 20P
Distribution block - PTFIX 4/6X1,5-G RD
Jun 13, 2022
1047481 PHOENIX-1047481 Datasheet
461Kb / 19P
Distribution block - PTFIX 4/6X1,5-G BN
Nov 30, 2022
1047482 PHOENIX-1047482 Datasheet
134Kb / 10P
Distribution block - PTFIX 4/6X1,5-G GN
09/12/2020
1047483 PHOENIX-1047483 Datasheet
463Kb / 19P
Distribution block - PTFIX 4/6X1,5-G YE
Nov 30, 2022
1047484 PHOENIX-1047484 Datasheet
460Kb / 20P
Distribution block - PTFIX 4/6X1,5-G BK
Jul 6, 2022
More results


Similar Description - 1047489

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047477 PHOENIX-1047477 Datasheet
150Kb / 11P
Distribution block - PTFIX 4/6X1,5-FE
09/12/2020
1047479 PHOENIX-1047479 Datasheet
463Kb / 20P
Distribution block - PTFIX 4/6X1,5-G BU
Jun 2, 2022
1047480 PHOENIX-1047480 Datasheet
463Kb / 20P
Distribution block - PTFIX 4/6X1,5-G RD
Jun 13, 2022
3002795 PHOENIX-3002795 Datasheet
510Kb / 21P
Distribution block - PTFIX 6X1,5-FE
Jun 15, 2022
3002906 PHOENIX-3002906 Datasheet
448Kb / 19P
Distribution block - PTFIX 6X1,5-G-FE
Jul 6, 2022
3002980 PHOENIX-3002980 Datasheet
444Kb / 20P
Distribution block - PTFIX 6X1,5-NS15A-FE
Jun 24, 2022
1047481 PHOENIX-1047481 Datasheet
461Kb / 19P
Distribution block - PTFIX 4/6X1,5-G BN
Nov 30, 2022
1047483 PHOENIX-1047483 Datasheet
463Kb / 19P
Distribution block - PTFIX 4/6X1,5-G YE
Nov 30, 2022
1047486 PHOENIX-1047486 Datasheet
460Kb / 19P
Distribution block - PTFIX 4/6X1,5-G VT
Nov 30, 2022
1047488 PHOENIX-1047488 Datasheet
460Kb / 19P
Distribution block - PTFIX 4/6X1,5-G PK
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com