Electronic Components Datasheet Search
  English  ▼

X  

1846056 Datasheet (PDF) - PHOENIX CONTACT

1846056 Datasheet PDF - PHOENIX CONTACT
Part # 1846056
Download  1846056 Download
File Size   1122.2 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/14-G - PCB header

1846056 Datasheet (PDF)

Go To PDF Page Download Datasheet
1846056 Datasheet PDF - PHOENIX CONTACT

Part # 1846056
Download  1846056 Click to download

File Size   1122.2 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/14-G - PCB header

1846056 Datasheet (HTML) - PHOENIX CONTACT


1846056 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 28, number
of rows: 2, number of positions: 14, number of connections: 28, product range: MDSTBV 2,5/..-
G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, Can be aligned! Mounting flange: Item No. 1836477, 1836480. In combination with
MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or
FKCVR) must be used. Combination with TMSTBP plug components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1846056

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1846050000 WEIDMULLER-1846050000 Datasheet
477Kb / 5P
SLS 5.08/04/180TB RF15 SN OR BX
More results


Similar Description - 1846056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763032 PHOENIX-1763032 Datasheet
142Kb / 9P
Base strip - MDSTBV 2,5/ 2-G
1763074 PHOENIX-1763074 Datasheet
175Kb / 7P
MDSTBV 2,5/ 2-G-5,08
1763087 PHOENIX-1763087 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
1762266 PHOENIX-1762266 Datasheet
198Kb / 12P
Feed-through header - MDSTBV 2,5/ 3-G-5,08 AU
1845976 PHOENIX-1845976 Datasheet
82Kb / 5P
Base strip - MDSTBV 2,5/ 6-G
1846001 PHOENIX-1846001 Datasheet
82Kb / 5P
Base strip - MDSTBV 2,5/ 9-G
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com