Electronic Components Datasheet Search
  English  ▼

X  

TDS4B212MX Datasheet (PDF) - Toshiba Semiconductor

TDS4B212MX Datasheet PDF - Toshiba Semiconductor
Part # TDS4B212MX
Download  TDS4B212MX Download
File Size   597.85 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TDS4B212MX Datasheet (PDF)

Go To PDF Page Download Datasheet
TDS4B212MX Datasheet PDF - Toshiba Semiconductor

Part # TDS4B212MX
Download  TDS4B212MX Click to download

File Size   597.85 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TDS4B212MX Datasheet (HTML) - Toshiba Semiconductor


TDS4B212MX Product details

Functional Description
• 1-32Gbps 1-Lane Two Differential Channel, 2:1 Mux/1:2 De-Mux
General
TDS4A212MX, TDS4B212MX are high-speed differential channel multiplexer(Mux)/demultiplexer(De-Mux)
switches. These devices are designed to support up to 32Gbps high-speed differential interface such as PCIe®
5.0, CXL 2.0, USB4® Version 2.0, ThunderboltTM 4, DisplayPortTM 2.0.
TDS4A212MX and TDS4B212MX have different pinout. TDS4B212MX has an optimized pinout to achieve high
frequency performance, on the other hand TDS4A212MX's pinout is easy to use for board layout.
The A Port (An+, An-) is connected to either the B Port (Bn+, Bn-) or C Port (Cn+, Cn-), which is determined by
the combination of both the select (SEL) and output enable (OE).When the output enable (OE) is held at a highlevel,
the switches are open (high-impedance state), regardless of the state of the select, thus these devices have
lower consumption current.
All pins are equipped with protection circuits to protect from electrostatic discharge damage.
Features
(1) Operating voltage: VCC = 1.6 to 3.6 V
(2) Low current consumption For active mode (Typ.) : Iope = 60 μA, For standby mode (Max) : ISTB = 10 μA
(3) -3-dB Bandwidth (differential) BW (Typ.) : TDS4B212MX = 27.5 GHz
TDS4A212MX = 26.2 GHz
(4) Differential insertion Loss DDIL (Typ.): TDS4B212MX = -0.9 dB @ f = 10 GHz, -1.4 dB @ f = 16 GHz
TDS4A212MX = -1.1 dB @ f = 10 GHz, -1.9 dB @ f = 16 GHz
(5) Differential return Loss DDRL (Typ.) : TDS4B212MX = -20 dB @ f = 10 GHz, -16 dB @ f = 16 GHz
TDS4A212MX = -17 dB @ f = 10 GHz, -18 dB @ f = 16 GHz
(6) Differential Off Isolation DDOIRR (Typ.) : TDS4B212MX = -16 dB @ f = 10 GHz, -14 dB @ f = 16 GHz
TDS4A212MX = -17 dB @ f = 10 GHz, -11 dB @ f = 16 GHz
(7) Differential Crosstalk DDXT (Typ.) : TDS4B212MX = -44 dB @ f = 10 GHz, -36 dB @ f = 16 GHz
TDS4A212MX = -32 dB @ f = 10 GHz, -30 dB @ f = 16 GHz
(8) Package: XQFN16
Applications
• PCIe 5.0/4.0
• CXL 2.0/1.0
• USB4 Version 2.0, Gen3/Gen2
• USB 3.2 Gen 2/Gen 1
• Thunderbolt 4
• DisplayPort 2.0/1.4
• SAS 3.0




Similar Part No. - TDS4B212MX

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS400 TEKTRONIX-TDS400 Datasheet
202Kb / 4P
Differential Preamplifier
logo
Semtech Corporation
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4001P.C SEMTECH-TDS4001P.C Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
logo
Powerex Power Semicondu...
TDS42440 POWEREX-TDS42440 Datasheet
192Kb / 5P
Phase Control Thyristor 2850 Amperes 800 Volts
TDS42640 POWEREX-TDS42640 Datasheet
192Kb / 5P
Phase Control Thyristor 2850 Amperes 800 Volts
More results


Similar Description - TDS4B212MX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com