Electronic Components Datasheet Search
  English  ▼

X  

1238546 Datasheet (PDF) - PHOENIX CONTACT

1238546 Datasheet PDF - PHOENIX CONTACT
Part # 1238546
Download  1238546 Download
File Size   248.05 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSM-5PE-M16XL/1,0X - Device connector rear mounting

1238546 Datasheet (PDF)

Go To PDF Page Download Datasheet
1238546 Datasheet PDF - PHOENIX CONTACT

Part # 1238546
Download  1238546 Click to download

File Size   248.05 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSM-5PE-M16XL/1,0X - Device connector rear mounting

1238546 Datasheet (HTML) - PHOENIX CONTACT


1238546 Product details

Device connector rear mounting, Power, 6-position, Socket, M12, coding: M, on free cable end,
Rear mounting, M16 x 1.5, Individual wires, cable length: 1 m, 1.31 mm2, UL/cUL stranded hookup
wire, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1238546

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1238540 PHOENIX-1238540 Datasheet
283Kb / 10P
SACC-DSI-M12FSK-4PE-M16XL/1,0X - Device connector rear mounting
1238541 PHOENIX-1238541 Datasheet
283Kb / 10P
SACC-DSI-M12FSK-4PE-M16XL/1,5X - Device connector rear mounting
1238542 PHOENIX-1238542 Datasheet
370Kb / 10P
SACC-DSI-M12MSM-5PE-M16XL/0,5X - Device connector rear mounting
1238543 PHOENIX-1238543 Datasheet
339Kb / 8P
SACC-DSI-M12MSM-5PE-M16XL/1,0X - Device connector rear mounting
1238544 PHOENIX-1238544 Datasheet
370Kb / 10P
SACC-DSI-M12MSM-5PE-M16XL/1,5X - Device connector rear mounting
More results


Similar Description - 1238546

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411596 PHOENIX-1411596 Datasheet
361Kb / 9P
SACC-DSI-M12MS-12P-M16XL/0,5 - Device connector, rear mounting
1411603 PHOENIX-1411603 Datasheet
522Kb / 11P
SACC-DSI-M12MSS-4P-M16XL/0,5PE - Device connector, rear mounting
1425584 PHOENIX-1425584 Datasheet
308Kb / 8P
SACC-DSI-M12MSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425589 PHOENIX-1425589 Datasheet
314Kb / 10P
SACC-DSI-M12FSL-4CON-M16XL/0,2 - Device connector, rear mounting
1411587 PHOENIX-1411587 Datasheet
1Mb / 10P
SACC-DSI-M12FSB-5P-M16XL/0,5 - Device connector, rear mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425592 PHOENIX-1425592 Datasheet
347Kb / 9P
SACC-DSI-M12MSL4CON-M16XL-L180 - Device connector, rear mounting
1425593 PHOENIX-1425593 Datasheet
315Kb / 9P
SACC-DSI-M12FSL4CON-M16XL-L180 - Device connector, rear mounting
1415303 PHOENIX-1415303 Datasheet
423Kb / 11P
SACC-DSI-M12FSM-5PE-M16XL/0,2 - Device connector, rear mounting
1239087 PHOENIX-1239087 Datasheet
424Kb / 10P
SACC-E-M12FSM-5PE-M16XL/0,2X - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com