Electronic Components Datasheet Search
  English  ▼

X  

TPS922050 Datasheet (PDF) - Texas Instruments

TPS922050 Datasheet PDF - Texas Instruments
Part # TPS922050
Download  TPS922050 Download
File Size   3611.22 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS922050/1 65V 1A/2A Buck LED Driver with PWM/Analog Dimming

TPS922050 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS922050 Datasheet PDF - Texas Instruments

Part # TPS922050
Download  TPS922050 Click to download

File Size   3611.22 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS922050/1 65V 1A/2A Buck LED Driver with PWM/Analog Dimming

TPS922050 Datasheet (HTML) - Texas Instruments


TPS922050 Product details

1 Features
• 4.5V to 65V wide input range
• LED common anode connection
• Integrated 300mΩ MOSFET:
– Typical current limit (1.6A / 3.2A)
– Switching frequency (400kHz / 1MHz)
• Advanced dimming options:
– Analog dimming (200:1)
– Fast PWM dimming (50ns pulse width)
• Full protection features:
– LED open and short protection
– Switching FET open and short protection
– External component failure protection
– Cycle-by-cycle current limit
– Thermal shutdown
• Package: WSON-8, HVSSOP-8, SOT583

2 Applications
• Constant illumination:
– Indoor and outdoor lighting
– Appliance lighting
– Cold/warm WLED lighting
– Emergency and signage lighting
– Security floodlight
– LED bulb and lamp
– LCD backlight
• Instant illumination:
– Machine vision and camera flash
– Fire alarm and strobe

3 Description
The TPS92205x family is a 1A / 2A non-synchronous
Boost / Buck-Boost LED driver with 4.5V to 65V wide
input range. By integrating the low-side NMOS, the
device is capable of driving LEDs with high power
density and high efficiency. The device also supports
common anode anodeconnection and single layer
PCB. The switching frequency is set at 400kHz or
1MHz.
The TPS92205x family support PWM dimming by
configuring through the DIM input pins by means of
simple high and low signals. The TPS92205x family
support analog dimming by configuring through the
DIM input pins by means of analog voltage signals.
The device adopts an adaptive off-time current mode
control along with smart and accurate sampling to
enable fast PWM dimming and achieve high dimming
ratio.
The TPS92205x family also provides multiple
systematic protections, including LED open and short,
switching FET open and short, sense resistor open
and short, and thermal shutdown.




Similar Part No. - TPS922050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS922052 TI-TPS922052 Datasheet
4Mb / 41P
TPS92205x 65-V 2-A/4-A Buck LED Driver with Inductive Fast Dimming
JUNE 2023
TPS922052 TI-TPS922052 Datasheet
4Mb / 47P
TPS92205x 65-V 2-A / 4-A Buck LED Driver with Inductive Fast Dimming
REVISED SEPTEMBER 2023
TPS922052DGNR TI-TPS922052DGNR Datasheet
4Mb / 41P
TPS92205x 65-V 2-A/4-A Buck LED Driver with Inductive Fast Dimming
JUNE 2023
TPS922052DMTR TI-TPS922052DMTR Datasheet
4Mb / 41P
TPS92205x 65-V 2-A/4-A Buck LED Driver with Inductive Fast Dimming
JUNE 2023
TPS922052DMTR TI-TPS922052DMTR Datasheet
4Mb / 47P
TPS92205x 65-V 2-A / 4-A Buck LED Driver with Inductive Fast Dimming
REVISED SEPTEMBER 2023
More results


Similar Description - TPS922050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
Triple Output LED Driver with 3000:1 PWM Dimming
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
PWM dimming linear buck LED constant current driver
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com