Electronic Components Datasheet Search
  English  ▼

X  

TLV7041 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV7041 Datasheet PDF - Texas Instruments
Part # TLV7041
Download  TLV7041 Download
File Size   4234.2 Kbytes
Page   68 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators

TLV7041 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV7041 Datasheet PDF - Texas Instruments

Part # TLV7041
Download  TLV7041 Click to download

File Size   4234.2 Kbytes
Page   68 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators

TLV7041 Datasheet (HTML) - Texas Instruments


TLV7041 Product details

1 Features
• Ultra-small X2SON, WSON, WQFN packages
• Wide supply voltage range of 1.6V to 6.5V
• Quiescent supply current of 315nA
• Low propagation delay of 3μs
• Rail-to-rail common-mode input voltage
• Internal hysteresis
• Push-pull output (TLV703x)
• Open-drain output (TLV704x)
• No phase reversal for overdriven inputs
• "S" and "L" alternate pinouts with 1.2V min supply
• –40°C to 125°C Operating temperature

2 Applications
• Mobile phones and tablets
• Headsets/headphones & earbuds
• PC & notebooks
• Gas Detector
• Smoke & heat detector
• Motion Detector
• Gas Meter
• Servo drive position sensor

3 Description
The TLV7031/41 (single-channel), TLV7032/42 (dualchannel),
and TLV7034/44 (quad-channel) are lowvoltage,
nanoPower comparators. These devices are
available in an ultra-small, leadless packages as
well as standard 5-pin SC70, SOT-23, VSSOP, and
TSSOP packages, making them applicable for spacecritical
designs like smartphones, smart meters, and
other portable or battery-powered applications.
The TLV703x and TLV704x offer an excellent
combination of speed and power, with a propagation
delay of 3μs and a quiescent supply current of 315nA.
The benefit of fast response time at nanoPower
enables power-conscious systems to monitor and
respond quickly to fault conditions. With an operating
voltage range of 1.6V to 6.5V, these comparators are
compatible with 3V and 5V systems.
The TLV703x and TLV704x is designed for no output
phase inversion with overdriven inputs and internal
hysteresis, so engineers can use this family of
comparators for precision voltage monitoring in harsh,
noisy environments where slow-moving input signals
must be converted into clean digital outputs.
The TLV703x has a push-pull output stage capable
of sinking and sourcing milliamps of current when
controlling an LED or driving a capacitive load. The
TLV704x has an open-drain output stage that can be
pulled beyond VCC, making the device an excellent
chice for level translators and bipolar to single-ended
converters. The "S" and "L" options are alternate
single pinouts with 1.2 minimum supply voltage.




Similar Part No. - TLV7041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7041 TI1-TLV7041 Datasheet
920Kb / 35P
Micro-Package, nanoPower, Low-Voltage Comparators
TLV7041 TI1-TLV7041 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7041 TI1-TLV7041 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7041 TI1-TLV7041 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7041 TI1-TLV7041 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
More results


Similar Description - TLV7041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031 TI1-TLV7031_18 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_19 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
TLV7031_1904 TI1-TLV7031_1904 Datasheet
1Mb / 45P
TLV703x and TLV704x Small Size, Nanopower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_V01 Datasheet
1Mb / 45P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V02 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V03 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V04 Datasheet
4Mb / 60P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031-Q1 TI-TLV7031-Q1_V01 Datasheet
2Mb / 40P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
TLV7031-Q1 TI-TLV7031-Q1_V02 Datasheet
2Mb / 42P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED OCTOBER 2021
TLV7031-Q1 TI1-TLV7031-Q1_V03 Datasheet
1Mb / 46P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com