Electronic Components Datasheet Search
  English  ▼

X  

TIOL221 Datasheet (PDF) - Texas Instruments

TIOL221 Datasheet PDF - Texas Instruments
Part # TIOL221
Download  TIOL221 Download
File Size   1814.46 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface

TIOL221 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIOL221 Datasheet PDF - Texas Instruments

Part # TIOL221
Download  TIOL221 Click to download

File Size   1814.46 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface

TIOL221 Datasheet (HTML) - Texas Instruments


TIOL221 Product details

1 Features
• 7V to 36V supply voltage
• IO-link configurable CQ output with auxiliary digital
output (DO) and digital input (DI) channels
• Configurable via pin-control or SPI interface
• Both CQ and DO channels configurable for use in
IO-link master modules
• PNP, NPN or IO-Link configurable CQ output
– IEC 61131-9 COM1, COM2 and COM3 Data
Rate Support
• Output drivers with low power dissipation and high
configurability
– Low RDSON 2.5Ω (typical)
– Active driver current limiting capability
– Configurable driver overcurrent limit:
50mA to 500mA
– Active reverse polarity protection of up to 65V
on LP, CQ, DO and DI
– Safe and fast demagnetization of inductive
loads
• Integrated protection features for robust systems
– Fault indicator for overcurrent, overtemperature
and UVLO faults
– Extended ambient temperature operation:
–40°C to 125°C
– ±8kV IEC 61000-4-2 ESD contact discharge
– ±4kV IEC 61000-4-4 electrical fast transient
– ±1.2kV, 500Ω IEC 61000-4-5 surge
• Large capacitive and inductive load driving
capability
• Integrated LDO provides up to 20mA current
• Optional external regulator input (5V) to reduce
internal power dissipation in the LDO
• Small space-saving package options
– 4mm x 4mm VQFN package
– 2.7mm x 2.7mm DSBGA package

2 Applications
• Field Transmitters and actuators
• Factory automation
• Process automation
• IO-link PHY in remote IO

3 Description
The TIOL221 transceiver integrates dual low-power
output drivers with active reverse polarity protection.
When the device is connected to an IO-Link controller
through a three-wire interface, the controller can
initiate communication, and exchange data with the
remote node while the TIOL221 acts as a complete
physical layer for the communication. The device also
integrates an auxiliary DI channel.
The device is capable of withstanding up to
1.2kV (500Ω) of IEC 61000-4-5 surge and features
integrated reverse polarity protection. In addition to
the SPI interface for configurability and expanded
diagnostic capability, a simple pin-programmable
interface allows easy interfacing with the controller
circuits. The output current limit can be configured
using either an external resistor or per-configured
limits via SPI interface. TIOL221 can be configured
to generate wake-up pulse, and be used in IO-link
controller applications. Fault reporting and internal
protection functions are provided for undervoltage,
overcurrent and overtemperature conditions.




Similar Part No. - TIOL221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL221 TI-TIOL221 Datasheet
1Mb / 54P
TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
SEPTEMBER 2024
TIOL221 TI2-TIOL221 Datasheet
1Mb / 58P
TIOL221 Dual Channel IO-Link Device PHY With Integrated LDO and SPI
REVISED DECEMBER 2025
TIOL221RGER TI2-TIOL221RGER Datasheet
1Mb / 58P
TIOL221 Dual Channel IO-Link Device PHY With Integrated LDO and SPI
REVISED DECEMBER 2025
TIOL221RGER.A TI2-TIOL221RGER.A Datasheet
1Mb / 58P
TIOL221 Dual Channel IO-Link Device PHY With Integrated LDO and SPI
REVISED DECEMBER 2025
TIOL221YAHR TI2-TIOL221YAHR Datasheet
1Mb / 58P
TIOL221 Dual Channel IO-Link Device PHY With Integrated LDO and SPI
REVISED DECEMBER 2025
More results


Similar Description - TIOL221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
Phy and OHCI Link Device
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
IO-LINK PHY for Device Nodes
logo
Linear Technology
LT3669 LINER-LT3669_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
LT3669-2 LINER-LT3669-2_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101_16 Datasheet
1Mb / 30P
IO-Link PHY for Device Nodes
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
PHY and OHCI Link Device
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
IO-Link Device Transceivers with Integrated Surge Protection
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Renesas Technology Corp
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com