Electronic Components Datasheet Search
  English  ▼

X  

AMMC-6430 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6430 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6430
Download  AMMC-6430 Download
File Size   638.72 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 25 - 33 GHz Power Amplifier

AMMC-6430 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6430 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6430
Download  AMMC-6430 Click to download

File Size   638.72 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 25 - 33 GHz Power Amplifier

AMMC-6430 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6430 Product details

Description
The AMMC-6430 MMIC is a broadband nearly 1W power amplifier designed for use in transmitters that operate in various frequency bands between 25GHz and 33GHz. This MMIC optimized for linear operation with an output third order intercept point (OIP3) of 37dBm. At 30GHz it provides 29dBm of output power (P-1dB) and 17dB of gain. The device has input and output matching circuitry for use in 50 Ω environments. The AMMC-6430 also integrates a temperature compensated RF power detection circuit that enables power detection of 0.3V/W. DC bias is simpleandthedeviceoperatesonwidelyavailable5.5Vfor current supply (negative voltage only needed for Vg). It is fabricated in a PHEMT process for exceptional power and gain performance. For improved reliability and moisture protection, the die is passivated at the active areas.

Features
•  Wide frequency range: 25 - 33 GHz
•  High gain: 17 dB
•  Power: @30 GHz, P-1dB=29 dBm
•  Highly linear: OIP3=37dBm
•  Integrated RF power detector
•  5.5 Volt, -0.7 Volt, 900mA operation

Applications
•  Microwave Radio systems
•  Satellite VSAT and DBS systems
•  LMDS & Pt-Pt mmW Long Haul
•  802.16 & 802.20 WiMax BWA
•  WLL and MMDS loops
•  Commercial grade military
•  Can be driven by AMMC-6345, increasingluding overall gain.




Similar Part No. - AMMC-6430

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
25 - 33 GHz Power Amplifier
More results


Similar Description - AMMC-6430

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
33-36 GHz 2W Power Amplifier
logo
Fairchild Semiconductor
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
33 GHz Buffer Amplifier MMIC
logo
TriQuint Semiconductor
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
33-36 GHz 2W Power Amplifier
logo
Transcom, Inc.
TA024-060-23-32 TRANSCOM-TA024-060-23-32 Datasheet
17Kb / 1P
2.4 - 6.0 GHz 33 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
2 - 6 GHz 33 dBm Amplifier
logo
Hittite Microwave Corpo...
HMC-APH596 HITTITE-HMC-APH596 Datasheet
214Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 16 - 33 GHz
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
33 36 GHz 2W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6431 AVAGO-AMMC-6431 Datasheet
307Kb / 9P
25-33 GHz 0.7W Power Amplifier MMIC
logo
Custom MMIC Design Serv...
CMD190 MMIC-CMD190 Datasheet
250Kb / 10P
33-45 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
25 - 33 GHz Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com