Electronic Components Datasheet Search
  English  ▼

X  

ROX5555S Datasheet (PDF) - Rakon Limited

ROX5555S Datasheet PDF - Rakon Limited
Part # ROX5555S
Download  ROX5555S Download
File Size   327.36 Kbytes
Page   3 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description High Reliability OCXO | Space Solutions

ROX5555S Datasheet (PDF)

Go To PDF Page Download Datasheet
ROX5555S Datasheet PDF - Rakon Limited

Part # ROX5555S
Download  ROX5555S Click to download

File Size   327.36 Kbytes
Page   3 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description High Reliability OCXO | Space Solutions

ROX5555S Datasheet (HTML) - Rakon Limited


ROX5555S Product details

Features
 Wide frequency ranges from 70 to 130 MHz
 Low power consumption: 3 W
 Overall frequency stability vs. temperature: ±24 ppb
 15 years mission life plus 2 years ground storage ±1 ppm
 Radiation 100 krad
 Sinewave output
 Manufactured in accordance with MIL-PRF-55310

Applications
 Atomic clocks
 Transponders
 GNSS receivers
 Converters
 Synthesizers
 Frequency generator unit (FGU)




Similar Part No. - ROX5555S

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROX5050S RAKON-ROX5050S Datasheet
365Kb / 3P
High Reliability OCXO | Space Solutions
2 August 2024
ROX5242T1 RAKON-ROX5242T1 Datasheet
512Kb / 2P
DISCRETE OCXO | MASTER CLOCK OCXO
08 April 2022
logo
TEMEX
ROX5242T2 TEMEX-ROX5242T2 Datasheet
445Kb / 2P
The ROX5242T2 belongs to a range of super single oven OCXOs designed
logo
Rakon Limited
ROX5242T2 RAKON-ROX5242T2 Datasheet
457Kb / 2P
DISCRETE OCXO | HIGH-END TELECOM OCXO
logo
TEMEX
ROX5252T1 TEMEX-ROX5252T1 Datasheet
430Kb / 2P
The ROX5252T1 is providing an ultimate frequency stability versus all operational conditions
More results


Similar Description - ROX5555S

ManufacturerPart #DatasheetDescription
logo
TEMEX
OCXO TEMEX-OCXO Datasheet
129Kb / 4P
Space qualified OCXO - Oven Controlled Crystal Oscillator, Flat pack General Specification (rev1)
OCXOPLUS TEMEX-OCXOPLUS Datasheet
751Kb / 6P
Space Qualified OCXO Plus - Oven Controlled Crystal Oscillator, General Specification (rev1)
logo
Advanced XTAL Products
AXIOM6060A AXTAL-AXIOM6060A Datasheet
211Kb / 14P
Ultra-Low Phase Noise 120 MHz OCXO for Space Application
2014-05-05
AXIOM75S AXTAL-AXIOM75S Datasheet
190Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
logo
TEMEX
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
RXO5032AD TEMEX-RXO5032AD Datasheet
327Kb / 4P
HIGH RELIABILITY XO AERONAUTICS AND DEFENSE SOLUTIONS
logo
Advanced XTAL Products
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
logo
Skyworks Solutions Inc.
SKYH22001 SKYWORKS-SKYH22001 Datasheet
142Kb / 2P
Hermetically Sealed Broadband Low-Noise Amplifier for High-Reliability Space and Military Applications
SKYH22002 SKYWORKS-SKYH22002 Datasheet
121Kb / 2P
Hermetically Sealed Cascadable Amplifier for High-Reliability Space and Military Applications
logo
Vishay Siliconix
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
Wet Tantalum Capacitors, Space Level, Established Reliability, DLA Land and Maritime Drawings 06013, 06014, 06015, 06016
10-Aug-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com