Electronic Components Datasheet Search
  English  ▼

X  

RKT4S-703SW Datasheet (PDF) - Belden Inc.

RKT4S-703SW Datasheet PDF - Belden Inc.
Part # RKT4S-703SW
Download  RKT4S-703SW Download
File Size   565.41 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²

RKT4S-703SW Datasheet (PDF)

Go To PDF Page Download Datasheet
RKT4S-703SW Datasheet PDF - Belden Inc.

Part # RKT4S-703SW
Download  RKT4S-703SW Click to download

File Size   565.41 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²

RKT4S-703SW Datasheet (HTML) - Belden Inc.


RKT4S-703SW Product details

Product Description
M12 Power Single-Ended Cordset: Female, straight, 4-pin(3+PE), S-coded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²




Similar Part No. - RKT4S-703SW

ManufacturerPart #DatasheetDescription
logo
Lumberg
RKT4-07-10M LUMBERG-RKT4-07-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RKT4-07-2M LUMBERG-RKT4-07-2M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RKT4-07-5M LUMBERG-RKT4-07-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RKT4-225 LUMBERG-RKT4-225 Datasheet
1,021Kb / 4P
Anschlussleitungen fur Aktoren Sensoren und Verteiler Cordsets
RKT4-225-10M LUMBERG-RKT4-225-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results


Similar Description - RKT4S-703SW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR1511040A1 SCHNEIDER-XZCR1511040A1 Datasheet
111Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PUR 1m
Dec 7, 2020
XZCR1511040E1 SCHNEIDER-XZCR1511040E1 Datasheet
111Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PUR 1m
Dec 7, 2020
XZCR1511040E2 SCHNEIDER-XZCR1511040E2 Datasheet
111Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PUR 2m
Dec 7, 2020
XZCR1511062B1 SCHNEIDER-XZCR1511062B1 Datasheet
87Kb / 3P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PUR 1m
Dec 7, 2020
XZCR1511062B2 SCHNEIDER-XZCR1511062B2 Datasheet
86Kb / 3P
jumper cable XZ - male straight M12 3-pin female straight M12 3-pin - PUR 2m
Dec 7, 2020
XZCR1511062F1 SCHNEIDER-XZCR1511062F1 Datasheet
89Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PUR 1m
Dec 7, 2020
XZCR1511062F2 SCHNEIDER-XZCR1511062F2 Datasheet
87Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PUR 2m
Dec 7, 2020
logo
Molex Electronics Ltd.
1200658190 MOLEX-1200658190 Datasheet
38Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 0.34mm² Black PUR LSOH Cable, 10.0m (32.81) Length
01/31/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com