Electronic Components Datasheet Search
  English  ▼

X  

1795912 Datasheet (PDF) - PHOENIX CONTACT

1795912 Datasheet PDF - PHOENIX CONTACT
Part # 1795912
Download  1795912 Download
File Size   212.8 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5/ 5-GF-7,62 EX - PCB header

1795912 Datasheet (PDF)

Go To PDF Page Download Datasheet
1795912 Datasheet PDF - PHOENIX CONTACT

Part # 1795912
Download  1795912 Click to download

File Size   212.8 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5/ 5-GF-7,62 EX - PCB header

1795912 Datasheet (HTML) - PHOENIX CONTACT


1795912 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Sn, contact connection type: Pin, number of potentials: 5, number of rows: 1, number of
positions: 5, number of connections: 5, product range: GMSTB 2,5/..-GF-EX, pitch: 7.62 mm,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MSTB 2,5 EX, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements
• Screwable flange for superior mechanical stability




Similar Part No. - 1795912

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1795909 PHOENIX-1795909 Datasheet
212Kb / 7P
GMSTB 2,5/ 4-GF-7,62 EX - PCB header
1795925 PHOENIX-1795925 Datasheet
275Kb / 10P
GMSTB 2,5/ 6-GF-7,62 EX - PCB header
1795938 PHOENIX-1795938 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 7-GF-7,62 EX
1795941 PHOENIX-1795941 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 8-GF-7,62 EX
1795954 PHOENIX-1795954 Datasheet
274Kb / 10P
GMSTB 2,5/ 9-GF-7,62 EX - PCB header
More results


Similar Description - 1795912

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1806245 PHOENIX-1806245 Datasheet
188Kb / 11P
Feed-through header - GMSTB 2,5/ 4-GF-7,62
1806258 PHOENIX-1806258 Datasheet
193Kb / 7P
Base strip - GMSTB 2,5/ 5-GF-7,62
1795967 PHOENIX-1795967 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/10-GF-7,62 EX
1795886 PHOENIX-1795886 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 2-GF-7,62 EX
1795899 PHOENIX-1795899 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 3-GF-7,62 EX
1795938 PHOENIX-1795938 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 7-GF-7,62 EX
1795941 PHOENIX-1795941 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 8-GF-7,62 EX
1795970 PHOENIX-1795970 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/11-GF-7,62 EX
1892440 PHOENIX-1892440 Datasheet
96Kb / 2P
GMSTB 2,5/ 6-GF-7,62 AU
1892453 PHOENIX-1892453 Datasheet
96Kb / 2P
GMSTB 2,5/ 8-GF-7,62 AU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com