Electronic Components Datasheet Search
  English  ▼

X  

1243306 Datasheet (PDF) - PHOENIX CONTACT

1243306 Datasheet PDF - PHOENIX CONTACT
Part # 1243306
Download  1243306 Download
File Size   400.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-8EP1N8A9K04SX - Coupler connector

1243306 Datasheet (PDF)

Go To PDF Page Download Datasheet
1243306 Datasheet PDF - PHOENIX CONTACT

Part # 1243306
Download  1243306 Click to download

File Size   400.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-8EP1N8A9K04SX - Coupler connector

1243306 Datasheet (HTML) - PHOENIX CONTACT


1243306 Product details

Coupler connector, straight, for standard and SPEEDCON interlock, M17, number of positions:
5+3+PE, contact connection type: Pin, shielded: yes, degree of protection: IP67, cable diameter
range: 9 mm ... 11.2 mm, number of positions: 9, connection method: Crimp connection, series:
ST, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Reduced size: ideal for compact devices
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters




Similar Part No. - 1243306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1243300 PHOENIX-1243300 Datasheet
450Kb / 12P
ST-7ES1N8A9K04SX - Coupler connector
1243301 PHOENIX-1243301 Datasheet
448Kb / 12P
ST-08S1N8A9K02SX - Coupler connector
1243302 PHOENIX-1243302 Datasheet
445Kb / 11P
ST-08S1N8A9K03SX - Coupler connector
1243303 PHOENIX-1243303 Datasheet
448Kb / 12P
ST-08S1N8A9K04SX - Coupler connector
1243304 PHOENIX-1243304 Datasheet
400Kb / 9P
ST-8EP1N8A9K02SX - Coupler connector
More results


Similar Description - 1243306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618706 PHOENIX-1618706 Datasheet
469Kb / 12P
ST-6EP1N8A9K04S - Coupler connector
1618714 PHOENIX-1618714 Datasheet
470Kb / 12P
ST-7EP1N8A9K04S - Coupler connector
1624548 PHOENIX-1624548 Datasheet
583Kb / 15P
ST-6EP1N8A9005S - Coupler connector
1607741 PHOENIX-1607741 Datasheet
587Kb / 16P
ST-7EP1N8A9003S - Coupler connector
1613625 PHOENIX-1613625 Datasheet
634Kb / 18P
ST-8ES1N8A9003S - Coupler connector
1617799 PHOENIX-1617799 Datasheet
467Kb / 12P
ST-08P1N8A9K02S - Coupler connector
1618696 PHOENIX-1618696 Datasheet
472Kb / 12P
ST-5ES1N8A9K02S - Coupler connector
1607671 PHOENIX-1607671 Datasheet
577Kb / 15P
ST-3EP1N8A9004S - Coupler connector
1619015 PHOENIX-1619015 Datasheet
504Kb / 12P
ST-08S1N8A9003S - Coupler connector
1618710 PHOENIX-1618710 Datasheet
465Kb / 12P
ST-6ES1N8A9K04S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com