Electronic Components Datasheet Search
  English  ▼

X  

LM336Z-2.5 Datasheet (PDF) - SYC Electronica

LM336Z-2.5 Datasheet PDF - SYC Electronica
Part # LM336Z-2.5
Download  LM336Z-2.5 Download
File Size   128.28 Kbytes
Page   5 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Programmable Shunt Regulator

LM336Z-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM336Z-2.5 Datasheet PDF - SYC Electronica

Part # LM336Z-2.5
Download  LM336Z-2.5 Click to download

File Size   128.28 Kbytes
Page   5 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Programmable Shunt Regulator

LM336Z-2.5 Datasheet (HTML) - SYC Electronica


LM336Z-2.5 Product details

Features
• Low Temperature Coefficient
• Guaranteed Temperature Stability 4mV Typical
• 0.2Ω Dynamic Impedance
• ±1.0% Initial Tolerance Available
• Easily Trimmed for Minimum Temperature Drift

Description
The LM336-2.5/LM336B-2.5 integrated circuits are
precision 2.5V shunt regulators. The monolithic IC voltage
reference operates as a low temperature coefficient 2.5V
zener with 0.2W dynamic impedance. A third terminal on
the LM336-2.5/LM336B-2.5 allows the reference voltage
and temperature coefficient to be trimmed easily. LM336-
2.5/LM336B-2.5 are useful as a precision 2.5V low voltage
reference for digital voltmeters, power supplies or OP-AMP
circuitry. The 2.5V makes it convenient to obtain a stable
reference from low voltage supplies. Further, since the
LM336-2.5/LM336B-2.5 operate as shunt regulators, they
can be used as either a positive or negative voltage reference.




Similar Part No. - LM336Z-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM336Z-2.5 NSC-LM336Z-2.5 Datasheet
223Kb / 12P
Reference Diode
logo
Linear Technology
LM336Z-2.5 LINER-LM336Z-2.5 Datasheet
131Kb / 4P
2.5V Reference
logo
Texas Instruments
LM336Z-2.5/LFT1 TI1-LM336Z-2.5/LFT1 Datasheet
316Kb / 16P
LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM336Z-2.5/LFT1 TI2-LM336Z-2.5/LFT1 Datasheet
934Kb / 27P
LM136-2.5-N, LM236-2.5-N, LM336-2.5-NV Reference Diode
REVISED APRIL 2013
LM336Z-2.5/LFT1.B TI2-LM336Z-2.5/LFT1.B Datasheet
934Kb / 27P
LM136-2.5-N, LM236-2.5-N, LM336-2.5-NV Reference Diode
REVISED APRIL 2013
More results


Similar Description - LM336Z-2.5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com