Electronic Components Datasheet Search
  English  ▼

X  

LM317MDT Datasheet (PDF) - SYC Electronica

LM317MDT Datasheet PDF - SYC Electronica
Part # LM317MDT
Download  LM317MDT Download
File Size   1071.02 Kbytes
Page   18 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Medium current 1.2 to 37 V adjustable voltage regulator

LM317MDT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317MDT Datasheet PDF - SYC Electronica

Part # LM317MDT
Download  LM317MDT Click to download

File Size   1071.02 Kbytes
Page   18 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Medium current 1.2 to 37 V adjustable voltage regulator

LM317MDT Datasheet (HTML) - SYC Electronica


LM317MDT Product details

Description
The LM217M and LM317M are monolithic integrated circuits in DPAK package used as positive adjustable voltage regulators. They are designed to supply until 500 mA of load current with an output voltage adjustable over a 1.2 to 37 V range. The nominal output voltage is selected by one resistive divider only, making the device exceptionally easy to configure and avoiding the use of several fixed regulators.

Features
 Output voltage range: 1.2 to 37 V
 Output current in excess of 500 mA
 Line regulation typ. 0.01%
 Load regulation typ. 0.1%
 Thermal overload protection
 Short-circuit protection
 Output transition safe area compensation
 Floating operation for high voltage applications




Similar Part No. - LM317MDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317MDT NSC-LM317MDT Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317MDT ONSEMI-LM317MDT Datasheet
232Kb / 16P
Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
STMicroelectronics
LM317MDT STMICROELECTRONICS-LM317MDT Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Fairchild Semiconductor
LM317MDT FAIRCHILD-LM317MDT Datasheet
224Kb / 8P
3-Terminal 0.5A Positive Adjustable Regulator
logo
ON Semiconductor
LM317MDT ONSEMI-LM317MDT Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results


Similar Description - LM317MDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
02-Mar-2010
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
Medium current 1.2 to 37 V adjustable voltage regulator
11-Feb-2008
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
Low current 1.2 to 37 V adjustable voltage regulators
20-May-2014
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
1.2 V to 37 V adjustable voltage regulators
23-Dec-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com