Electronic Components Datasheet Search
  English  ▼

X  

LM2574-ADJ Datasheet (PDF) - SYC Electronica

LM2574-ADJ Datasheet PDF - SYC Electronica
Part # LM2574-ADJ
Download  LM2574-ADJ Download
File Size   677.53 Kbytes
Page   24 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description SWIT STEP-DOWN VOLT REG ADJ .5

LM2574-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2574-ADJ Datasheet PDF - SYC Electronica

Part # LM2574-ADJ
Download  LM2574-ADJ Click to download

File Size   677.53 Kbytes
Page   24 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description SWIT STEP-DOWN VOLT REG ADJ .5

LM2574-ADJ Datasheet (HTML) - SYC Electronica


LM2574-ADJ Product details

Features
• 3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range, 1.23 to 37 V ±4% max over
Line and Load Conditions
• Guaranteed 0.5 A Output Current
• Wide Input Voltage Range: 4.75 to 40 V
• Requires Only 4 External Components
• 52 kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability, Low Power Standby Mode
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current Limit Protection
Applications
• Simple and High–Efficiency Step–Down (Buck) Regulators
• Efficient Pre–regulator for Linear Regulators
• On–Card Switching Regulators
• Positive to Negative Converters (Buck–Boost)
• Negative Step–Up Converters
• Power Supply for Battery Chargers




Similar Part No. - LM2574-ADJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574-12BN MICREL-LM2574-12BN Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
LM2574-12BWM MICREL-LM2574-12BWM Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
LM2574-3.3BN MICREL-LM2574-3.3BN Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
LM2574-3.3BN MICREL-LM2574-3.3BN Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2574-3.3BN MICREL-LM2574-3.3BN Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
More results


Similar Description - LM2574-ADJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
logo
Gilway Technical Lamp
1N5V1 GILWAY-1N5V1 Datasheet
51Kb / 1P
Inverters 5 Volt, 12 Volt
logo
Texas Instruments
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
5-A Step-Down Regulator with Integrated Switcher
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
5-A Step-Down Regulator with Integrated Switcher
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
5-Volt Regulator
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ_15 Datasheet
1Mb / 24P
LM2717-ADJ Dual Step-Down DC/DC Converter
logo
Microdiode Semiconducto...
BAS16H CHENDA-BAS16H Datasheet
342Kb / 3P
Surface Mount Swit ching Diodes
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com