Electronic Components Datasheet Search
  English  ▼

X  

RKT5L-1002SW Datasheet (PDF) - Belden Inc.

RKT5L-1002SW Datasheet PDF - Belden Inc.
Part # RKT5L-1002SW
Download  RKT5L-1002SW Download
File Size   540.43 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Female, straight, 5-pin(4FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²

RKT5L-1002SW Datasheet (PDF)

Go To PDF Page Download Datasheet
RKT5L-1002SW Datasheet PDF - Belden Inc.

Part # RKT5L-1002SW
Download  RKT5L-1002SW Click to download

File Size   540.43 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Female, straight, 5-pin(4FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²

RKT5L-1002SW Datasheet (HTML) - Belden Inc.


RKT5L-1002SW Product details

Product Description
M12 Power Single-Ended Cordset: Female, straight, 5-pin(4+FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²




Similar Part No. - RKT5L-1002SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RKT5L-950 BELDEN-RKT5L-950 Datasheet
542Kb / 3P
M12 Power Single-Ended Cordset: Female, straight, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 2.50 mm²
More results


Similar Description - RKT5L-1002SW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200651367 MOLEX-1200651367 Datasheet
40Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
02/02/2023
1200651370 MOLEX-1200651370 Datasheet
34Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 5.0m (16.40) Length
01/31/2023
1200651373 MOLEX-1200651373 Datasheet
34Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 10.0m (32.81) Length
02/01/2023
1300060051 MOLEX-1300060051 Datasheet
38Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/10/2023
1300060052 MOLEX-1300060052 Datasheet
38Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/15/2023
1300062438 MOLEX-1300062438 Datasheet
22Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 4.0m (13.12) Length
03/17/2023
1300062166 MOLEX-1300062166 Datasheet
45Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 2.0m (6.56) Length
04/18/2023
1300062321 MOLEX-1300062321 Datasheet
38Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 20.0m (65.62) Length
04/18/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com