Electronic Components Datasheet Search
  English  ▼

X  

TPSM831022 Datasheet (PDF) - Texas Instruments

TPSM831022 Datasheet PDF - Texas Instruments
Part # TPSM831022
Download  TPSM831022 Download
File Size   2372.97 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module

TPSM831022 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM831022 Datasheet PDF - Texas Instruments

Part # TPSM831022
Download  TPSM831022 Click to download

File Size   2372.97 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module

TPSM831022 Datasheet (HTML) - Texas Instruments


TPSM831022 Product details

1 Features
• 1.6V to 5.5V input voltage range
– Device input voltage > 1.65V for start-up
• 1V to 5.5V output voltage range(adjustable)
• High output current capability, 3A peak switch
current
– 1.5A output current for VIN ≥ 3V, VOUT = 3.3V
– 1.2A output current for VIN ≥ 2.7V, VOUT = 3.3V
• High efficiency over the entire load range
– 8μA typical quiescent current
– Automatic power save mode and forced PWM
mode configurable
• Peak current buck-boost mode architecture
– Seamless mode transition
– Forward and reverse current operation
– Start-up into pre-biased outputs
– Fixed-frequency operation with 2MHz switching
• Safety and robust operation features
– Overcurrent protection and short-circuit
protection
– Integrated soft start with active ramp adoption
– Overtemperature protection and overvoltage
protection
– True shutdown function with load disconnect
– Forward and backward current limit
• Small solution size
– 2.6mm × 2.0mm × 1.2mm(max) 8-pin μSiP
package

2 Applications
• TWS
• System pre-regulator (smartphone, tablet,
terminal, telematics)
• Point-of-load regulation (wired sensor, port/cable
adapter, and dongle)
• Fingerprint, camera sensors (electronic smart lock,
IP network camera)
• Voltage stabilizer (datacom, optical modules,
cooling/heating)

3 Description
The TPSM83102 and TPSM83103 are constant
frequency peak current mode control buck-boost
converters in samll μSiP module package. It has a
3A peak current limit (typical) and 1.6V to 5.5V input
voltage range, and provide a power supply solution for
system pre-regulators and voltage stabilizers.
Depending on the input voltage, the TPSM83102 and
TPSM83103 automatically operate in boost, buck, or
in 3-cycle buck-boost mode when the input voltage
is approximately equal to the output voltage. The
transitions between modes happen at a defined
duty cycle and avoid unwanted toggling within the
modes to reduce output voltage ripple. 8-μA quiescent
current and power save mode power enable the
highest efficiency for light to no-load conditions.
The device offers a very small solution size in μSiP
module package.




Similar Part No. - TPSM831022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM831022 TI1-TPSM831022 Datasheet
2Mb / 31P
TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module
AUGUST 2024
TPSM831022 TI1-TPSM831022 Datasheet
2Mb / 30P
TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module
AUGUST 2024
TPSM831022 TI-TPSM831022 Datasheet
2Mb / 31P
TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module
AUGUST 2024
More results


Similar Description - TPSM831022

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Intersil Corporation
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
Intersil Corporation
ISL9110IRT7Z-T7A INTERSIL-ISL9110IRT7Z-T7A Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators
July 13, 2012
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
1.2A High Efficiency Buck-Boost Regulator
June 8, 2012
ISL9110IRTNZ-T INTERSIL-ISL9110IRTNZ-T Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators
July 13, 2012
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
1.2A High Efficiency Buck-Boost Regulators
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
1.2A High Efficiency Buck-Boost Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com