Electronic Components Datasheet Search
  English  ▼

X  

MMBZ30VCL Datasheet (PDF) - Texas Instruments

MMBZ30VCL Datasheet PDF - Texas Instruments
Part # MMBZ30VCL
Download  MMBZ30VCL Download
File Size   763.31 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MMBZ30VCL-Q1 Dual Channel ESD Protection

MMBZ30VCL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ30VCL Datasheet PDF - Texas Instruments

Part # MMBZ30VCL
Download  MMBZ30VCL Click to download

File Size   763.31 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MMBZ30VCL-Q1 Dual Channel ESD Protection

MMBZ30VCL Datasheet (HTML) - Texas Instruments


MMBZ30VCL Product details

1 Features
• Ultra Low I/O capacitance = 4.5pF (typical)
• Low leakage current <25nA
• Unidirectional ESD protection for 2 channels or
Bidirectional for 1 channel
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air-gap discharge
• ISO 10605 (330pF, 330Ω) ESD protection:
– ±25kV contact discharge
– ±30kV air-gap discharge
• AEC-Q101 qualified
• Temperature range: –55°C to +150°C
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• Automotive in-vehicle networks
– Controller area network (CAN)
– Local interconnect network (LIN)

3 Description
The MMBZ30VCL-Q1 is a dual channel unidirectional
or single channel bidirectional ESD in a common
cathode configuration. The device's low capacitance
and low leakage features enable use in high speed
applications. The low dynamic resistance allows low
clamping voltage to help protect systems against
transient events. This protection is key as automotive
systems require a high level of robustness and
reliability when they control safety devices.
The MMBZ30VCL-Q1 is packaged in the SOT-23,
providing two channels of robust transient protection
in one space-efficient form factor.




Similar Part No. - MMBZ30VCL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MMBZ30VCL TI-MMBZ30VCL Datasheet
756Kb / 14P
MMBZ30VCL Dual Channel ESD Protection
NOVEMBER 2024
MMBZ30VCL TI2-MMBZ30VCL Datasheet
723Kb / 14P
MMBZ30VCL Dual Channel ESD Protection
NOVEMBER 2024
MMBZ30VCL TI2-MMBZ30VCL Datasheet
730Kb / 15P
MMBZ30VCL-Q1 Dual Channel ESD Protection
NOVEMBER 2024
MMBZ30VCL-Q1 TI-MMBZ30VCL-Q1 Datasheet
756Kb / 14P
MMBZ30VCL Dual Channel ESD Protection
NOVEMBER 2024
MMBZ30VCL-Q1 TI2-MMBZ30VCL-Q1 Datasheet
730Kb / 15P
MMBZ30VCL-Q1 Dual Channel ESD Protection
NOVEMBER 2024
More results


Similar Description - MMBZ30VCL

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
Dual Channel EMI Filter with ESD Protection
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
Dual Channel ESD Protection Device
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
Dual-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002_16 Datasheet
237Kb / 6P
Dual Channel ESD Protection Device
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
Dual-Channel High-Speed ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
Dual Channel ESD protection diode
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com